DM05CC100DO3-SA-R02
AI

The part number **DM05CC100DO3-SA-R02** refers to a high-precision **Mica Capacitor** typically manufactured by companies like Cornell Dubilier (CDE). These capacitors are renowned for their stability, high reliability, and low loss at high frequencies.
---
### 1. Technical Specifications
Below is the breakdown of the technical characteristics associated with this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 10 pF (Picofarads) |
| **Tolerance** | ±0.5 pF (indicated by the 'D' code) |
| **Voltage Rating** | 300V or 500V DC (Standard for DM05 series) |
| **Dielectric Material** | Silver Mica |
| **Temperature Range** | -55°C to +125°C |
| **Case Type** | DM05 (Small, dipped package) |
| **Termination** | Radial leads (Solder coated) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the exact variant:
* **DM05**: The physical size and style (Standard dipped mica).
* **CC**: Temperature coefficient (typically 0 to +70 ppm/°C).
* **100**: Capacitance value (10 with 0 zeros = 10pF).
* **D**: Tolerance code (±0.5 pF).
* **O3**: Operating voltage/internal design code.
* **SA**: Specific finish or lead spacing (Standard lead style).
* **R02**: Packaging/Revision code (often indicates RoHS compliance or tape/reel format).
---
### 3. Key Characteristics
Silver mica capacitors offer unique benefits compared to ceramic or electrolytic types:
1. **High Precision:** Excellent for circuits requiring very tight tolerances.
2. **Stability:** The capacitance changes very little over time or with temperature fluctuations.
3. **Low Loss (High Q):** They have a very high "Quality Factor," making them ideal for RF (Radio Frequency) applications.
4. **Voltage Handling:** Despite their small size, they can handle relatively high DC voltages reliably.
---
### 4. Common Applications
* **RF Oscillators:** Used to set precise frequencies.
* **Filter Circuits:** High-Q filters in radio and communication equipment.
* **Snubber Circuits:** In high-speed switching environments.
* **Timing Circuits:** Where drift must be minimized.
- ⤷
What are the main differences between Silver Mica and Ceramic COG capacitors?
- ⤷ Can this capacitor be used in AC power applications?
- ⤷ How do I interpret the lead spacing for the SA suffix?