công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DM05CA102JO3-SA-R02

  • AI
    The **DM05CA102JO3-SA-R02** is a high-precision, high-reliability electronic component, specifically a **Mica Capacitor**. These components are frequently used in RF (Radio Frequency) circuits, high-voltage applications, and precision timing circuits due to their excellent stability. --- ## Technical Specifications Breakdown Based on the part number nomenclature, here are the primary electronic characteristics of this component: | Feature | Specification | Description | | :--- | :--- | :--- | | **Capacitance** | 1,000 pF (1nF) | The "102" indicates 10 followed by two zeros. | | **Tolerance** | ±5% | Designated by the "J" in the part number. | | **Voltage Rating** | 100V - 500V DC | (Typical for DM05 series, check datasheet for exact DC rating). | | **Dielectric Material** | Silver Mica | Provides excellent thermal stability and low loss. | | **Operating Temp** | -55°C to +125°C | Standard industrial/military temperature range. | | **Package Type** | Radial Leaded | Through-hole mounting with "dipped" epoxy coating. | --- ## Key Electronic Features ### 1. High Stability Mica capacitors are known for having a very low **Temperature Coefficient**. The capacitance value changes minimally even when the temperature fluctuates significantly, making them ideal for oscillators and filters. ### 2. Low Dissipation Factor (Q Factor) This part exhibits very low inductive and resistive losses at high frequencies. In RF applications, this translates to a high "Q" (Quality factor), ensuring sharp resonance and minimal signal attenuation. ### 3. Voltage Reliability Unlike ceramic capacitors (MLCCs), silver mica capacitors like the DM05 series do not suffer from "Voltage Coefficient of Capacitance" (VCC). The capacitance remains constant regardless of the applied DC voltage. --- ## Common Applications * **RF Oscillators:** Used to set the frequency in radio transmitters and receivers. * **Active Filters:** High-precision filtering where tight tolerances are required. * **Coupling/Decoupling:** In high-frequency power circuits where stability is paramount. * **Pulse Power:** Because they can handle high-speed discharge without degrading. --- ## Example Circuit Representation In a simple LC (Inductor-Capacitor) resonant circuit, the DM05 capacitor would be placed in parallel with an inductor to determine the resonant frequency ($f$): ```python # Resonant Frequency Formula: f = 1 / (2 * pi * sqrt(L * C)) C = 1000e-12 # 1000pF L = 10e-6 # 10uH (Example inductor) import math frequency = 1 / (2 * math.pi * math.sqrt(L * C)) print(f"Resonant Frequency: {frequency/1e6:.2f} MHz") ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Silver Mica capacitor and a standard C0G/NP0 ceramic capacitor?
    • ⤷ How does the 'J' tolerance rating affect circuit performance in RF tuning?
    • ⤷ Are there specific soldering precautions for the DM05 series to avoid thermal shock?