công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DM05CA102DO3-SA-R02

  • AI
    The part number **DM05CA102DO3-SA-R02** refers to a high-precision **Mica Capacitor**, typically manufactured by companies like CDE (Cornell Dubilier). These components are renowned for their stability and reliability in RF and high-frequency applications. --- ### 1. Technical Specifications Breakdown The alphanumeric code follows a specific naming convention for Mica capacitors. Below is the technical breakdown: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | DM05 | Miniature dipped silver mica capacitor size. | | **Capacitance** | 102 | 1000 pF (1.0 nF). The '10' is the value, '2' is the multiplier ($10^2$). | | **Tolerance** | D | ±0.5 pF (or ±0.5% depending on the specific series chart). | | **Voltage Rating** | O3 | Typically represents a 300V or 500V DC rating (Standard for DM05). | | **Operating Temp** | -SA | Standard range, usually -55°C to +125°C. | | **Packaging** | R02 | Tape and Reel or specific lead forming code. | --- ### 2. Key Features Silver Mica capacitors like this one possess unique physical and electrical characteristics: * **Low Dissipation Factor:** They exhibit very low loss, making them ideal for oscillators and filters. * **High Stability:** The capacitance value remains extremely constant despite changes in temperature, voltage, or time. * **Precision:** They are available in very tight tolerances compared to ceramic capacitors. * **Voltage Handling:** Excellent dV/dt (voltage surge) resistance. --- ### 3. Common Applications Due to its high stability and 1000pF value, this part is commonly found in: 1. **RF Circuits:** Tuning and coupling in radio frequency transmitters and receivers. 2. **Audio Equipment:** High-end audio filters where "capacitor sound" or distortion must be minimized. 3. **Pulse Circuits:** Applications requiring rapid charging and discharging without degradation. 4. **Resonant Circuits:** Used in LC (Inductor-Capacitor) oscillators to maintain a steady frequency. --- ### 4. Comparison: Mica vs. Ceramic | Feature | Silver Mica (DM05) | Ceramic (MLCC) | | :--- | :--- | :--- | | **Stability** | Excellent (Linear) | Varies (X7R/Y5V are unstable) | | **Lifespan** | Extremely long | Shorter (Aging effects) | | **Size** | Larger (Dipped) | Extremely Small (SMD) | | **Cost** | High | Low |
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage rating for the 'O3' code in this series?
    • ⤷ Can this mica capacitor be used as a direct replacement for an MLCC in RF circuits?
    • ⤷ What are the physical dimensions of a DM05 package?