công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DLC-2E1-R

  • AI
    The **DLC-2E1-R** is an industrial-grade interface module, typically used in telecommunications and networking equipment. It is primarily designed as a **Dual-Port E1 (G.703) Interface Card**. Below is a breakdown of its electronic components, technical specifications, and functions. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Port Count** | 2 Ports | | **Interface Type** | E1 (G.703 / G.704) | | **Data Rate** | 2.048 Mbps per port | | **Line Coding** | HDB3 (High-Density Bipolar Order 3) | | **Impedance** | 75 $\Omega$ (Unbalanced) / 120 $\Omega$ (Balanced) | | **Connector Type** | Usually RJ-45 or BNC (via breakout cable) | --- ### 2. Major Electronic Subsystems The circuitry of the DLC-2E1-R is composed of several critical electronic sections that handle the conversion of digital data into electrical pulses for long-distance transmission: #### A. Line Interface Unit (LIU) The LIU is the "front-end" of the card. It manages the physical electrical signals. * **Pulse Shaping:** Ensures the outgoing square waves meet G.703 standards. * **Clock Recovery:** Extracts the timing signal from the incoming data stream to stay synchronized with the network. * **Jitter Attenuation:** Filters out small timing instabilities to prevent data corruption. #### B. Framer IC Once the electrical signal is digitized, the Framer organizes the bits into "Frames." * **Synchronization:** Identifies the start of an E1 frame. * **Error Checking:** Monitors CRC (Cyclic Redundancy Check) and Alarms (like AIS - Alarm Indication Signal). * **Time-Slot Mapping:** If used in fractional E1, it maps specific 64kbps channels to data streams. #### C. Protection Circuitry Because E1 lines often travel long distances, they are prone to electrical surges. * **Isolation Transformers:** Protect the internal logic from high-voltage spikes on the copper line. * **TVS Diodes:** (Transient Voltage Suppression) protect against Electrostatic Discharge (ESD). #### D. Local Bus Interface This section manages communication between the E1 ports and the main CPU/Backplane of the router or multiplexer it is plugged into. --- ### 3. Functional Applications The DLC-2E1-R is commonly utilized in the following scenarios: 1. **Legacy PBX Connection:** Connecting older office phone systems to modern digital backbones. 2. **Cellular Backhaul:** Linking base stations to the core network in 2G/3G infrastructures. 3. **Leased Lines:** Providing dedicated point-to-point 2Mbps data circuits for enterprise branches. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the 75 ohm and 120 ohm modes?
    • ⤷ How do I troubleshoot an 'Alarm Indication Signal' (AIS) on this card?
    • ⤷ Is this card compatible with T1 (1.544 Mbps) standards?