công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DLC-2C1-R/Q

  • AI
    The **DLC-2C1-R/Q** is a specific series of high-performance **Step/Direction Motion Controllers** typically used in industrial automation, laser marking systems, and precision CNC machinery. These controllers are designed to bridge the gap between software (like EzCad) and motor drivers. --- ## 1. Technical Specifications Overview The "R/Q" suffix usually denotes specific interface variations (RS-232 vs. Quartz/Fiber synchronization), but the core electronic architecture remains consistent. | Component / Feature | Specification Details | | :--- | :--- | | **Control Signal** | Step (Pulse) / Direction (Level) | | **Interface Type** | USB 2.0 (Internal/External) | | **Output Channels** | 2-Axis (Expansion possible for 3rd/4th axis) | | **Input Voltage** | 5V DC (Logic) | | **Laser Control** | Supports Fiber, CO2, and UV Laser protocols | | **IO Ports** | 16 Digital Inputs / 14 Digital Outputs | --- ## 2. Key Electronic Functional Blocks ### A. The Motion Control Engine The heart of the DLC-2C1 is an **FPGA (Field Programmable Gate Array)**. * **Purpose:** Handles high-speed pulse generation (up to several MHz) to ensure smooth motor movement without CPU jitter. * **Real-time Processing:** It processes coordinates from the software and converts them into hardware-level pulses instantly. ### B. Communication Interfaces * **USB to Serial Bridge:** Converts the PC's high-level commands into data packets the FPGA can understand. * **DB15/DB25 Connectors:** The physical interface used to send signals to the Galvo (Galvanometer) scanner and the laser source. ### C. I/O Isolation To protect the main logic board from industrial noise and voltage spikes: * **Optocouplers:** Most input/output pins are optically isolated. This prevents "ground loops" and protects the controller if a motor driver fails or short-circuits. --- ## 3. Pinout and Connectivity Logic The electronic integration of this board generally follows this signal path: 1. **Laser Control (CON 1):** Provides signals like `LASER ON`, `PWM` (for power control), and `Laser Ready`. 2. **Galvo Control (CON 2):** Uses the **XY2-100 Protocol**. This is a digital serial protocol specifically for high-speed mirrors. 3. **Expansion (CON 3):** Used for rotary axes (R-axis) or motorized Z-axis stages. --- ## 4. Common Application Use-Cases * **Laser Marking:** Controlling two mirrors (X and Y) to deflect a laser beam onto a workpiece. * **Flying Marking:** Syncing the motion of a conveyor belt (encoder input) with the laser pulses. * **Precision Plotting:** Using the Step/Dir signals to drive stepper or servo motors in XY stages. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'Q' variants of this controller?
    • ⤷ How do I wire the XY2-100 interface to a standard galvo scanner?
    • ⤷ Does this controller support EzCad3 or only EzCad2?