DL-A04-R
AI

The **DL-A04-R** is a specific electronic component, typically categorized as a **Wireless Receiver Module** operating on the RF (Radio Frequency) spectrum, commonly at 315MHz or 433MHz. It is widely used in remote control systems, security alarms, and IoT prototypes.
---
### 1. Key Technical Specifications
The module is designed for low-power consumption and integration into small-scale wireless systems.
| Parameter | Typical Value |
| :--- | :--- |
| **Operating Voltage** | 3.3V - 5.5V DC |
| **Operating Current** | ≤ 5mA |
| **Frequency** | 315MHz / 433.92MHz (Variant dependent) |
| **Modulation Type** | ASK / OOK (Amplitude Shift Keying) |
| **Sensitivity** | -108 dBm to -110 dBm |
| **Output Type** | CMOS Level (High/Low) |
| **Operating Temp** | -20°C to +70°C |
---
### 2. Physical Components & Pinout
The "DL" prefix often refers to manufacturers like *DreamLNK*. The module typically consists of a high-frequency inductor, a SAW filter (in high-quality versions), and a decoding/amplifying IC.
#### Pin Configuration:
1. **ANT:** Antenna connection (usually a 17cm wire for 433MHz).
2. **VCC:** Positive Power Supply.
3. **DATA:** Serial data output (connects to MCU or Decoder IC).
4. **DATA:** Redundant data output for stability.
5. **GND:** Ground.
---
### 3. Functional Mechanism
The DL-A04-R operates as a **Superheterodyne** or **Super-regenerative** receiver:
* **Signal Capture:** The antenna picks up RF waves.
* **Filtering:** The internal circuitry filters out noise and isolates the specific frequency (e.g., 433MHz).
* **Demodulation:** The ASK/OOK circuit converts the radio waves back into digital pulses (1s and 0s).
* **Data Output:** These pulses are sent through the DATA pin to a microcontroller (like Arduino) or a hardware decoder (like PT2272).
---
### 4. Common Applications
* **Garage Door Openers:** Receiving signals from a handheld remote.
* **Wireless Doorbell:** Triggering a chime when a button is pressed.
* **Smart Home Sensors:** Receiving data from PIR motion sensors or door contacts.
* **Industrial Control:** Remote switching of relays or motors.
---
### 5. Implementation Example (Arduino)
To read data from the DL-A04-R, you would typically use a library like `RCSwitch`.
```cpp
#include
RCSwitch mySwitch = RCSwitch();
void setup() {
Serial.begin(9600);
// Receiver connected to Interrupt 0 (Digital Pin 2)
mySwitch.enableReceive(0);
}
void loop() {
if (mySwitch.available()) {
Serial.print("Received Value: ");
Serial.println(mySwitch.getReceivedValue());
mySwitch.resetAvailable();
}
}
```
- ⤷
How do I calculate the optimal antenna length for a DL-A04-R at 433MHz?
- ⤷ What is the maximum effective range of this receiver module?
- ⤷ How does a superheterodyne receiver differ from a super-regenerative one in terms of performance?