công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DFP252010BF-R33M

  • AI
    The **DFP252010BF-R33M** is a high-performance, surface-mount (SMD) power inductor. It is part of a series typically manufactured by companies like **Cyntec** (or similar power component specialists), designed for high-efficiency DC-DC conversion in compact electronic devices. --- ### 1. Component Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.33 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M') | | **Dimensions** | 2.5mm (L) x 2.0mm (W) x 1.0mm (H) | | **Construction** | Metal Alloy / Magnetic Shielded | | **Mounting Type** | SMD (Surface Mount Device) | ### 2. Detailed Technical Breakdown #### A. Core Material and Construction * **Metal Alloy Core:** Unlike traditional ferrite inductors, this part uses a metal powder core. This provides a "soft" saturation characteristic, meaning it can handle high current spikes without a sudden drop in inductance. * **Magnetic Shielding:** The design is shielded to reduce Electromagnetic Interference (EMI), which is critical for densely packed circuit boards like smartphones or IoT devices. #### B. Electrical Performance * **High Current Rating:** Due to the low DC resistance (DCR), it can handle significant Saturation Current ($I_{sat}$) and Heating Current ($I_{rms}$). * **Low DCR:** The physical construction aims to minimize energy loss through heat, maximizing the battery life of the host device. ### 3. Applications This inductor is primarily used in **Point of Load (POL)** power supplies and DC-DC converter circuits. Common applications include: * **Mobile Devices:** Smartphones, tablets, and wearables. * **CPU/GPU Power:** Voltage Regulator Modules (VRMs) for low-power processors. * **Portable Electronics:** SSDs, digital cameras, and handheld gaming consoles. --- ### 4. Part Number Breakdown While manufacturer codes vary slightly, the general breakdown is: 1. **DFP:** Series name (often indicating metal alloy type). 2. **252010:** Package size (2.5 x 2.0 x 1.0 mm). 3. **BF:** Internal material or process code. 4. **R33:** Inductance value ($R33 = 0.33$ µH). 5. **M:** Tolerance ($\pm 20\%$).
    ✨ Follow-up Questions
    • ⤷ What are the typical Saturation Current (Isat) and RDC values for this specific inductor?
    • ⤷ How does a metal alloy core compare to a ferrite core in terms of efficiency?
    • ⤷ Can this inductor be used in high-frequency switching regulators above 2MHz?