DFE252010P-R68M
AI

### DFE252010P-R68M: Technical Breakdown
The **DFE252010P-R68M** is a high-performance, miniature fixed inductor manufactured by **Murata Electronics**. It belongs to the **DFE252010P** series, which is specifically designed for power circuits where space is a premium, such as in smartphones and wearable devices.
---
### 1. Key Technical Specifications
The following table summarizes the core electronic parameters of this component:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.68 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **DC Resistance (DCR)** | 29 mΩ (Typical) / 35 mΩ (Max) |
| **Rated Current (Isat)** | 4.8 A (Based on Inductance change) |
| **Rated Current (Itemp)** | 3.9 A (Based on Temperature rise) |
| **Package Size (Metric)** | 2520 (2.5mm x 2.0mm) |
| **Height** | 1.0 mm (Max) |
| **Core Material** | Metal Alloy (Iron Powder) |
---
### 2. Component Composition & Features
#### A. Metal Alloy Technology
Unlike traditional ferrite inductors, the DFE series uses a **metal alloy powder core**.
* **High Saturation:** It offers superior magnetic saturation characteristics, allowing the inductor to handle high currents without a sharp drop in inductance.
* **Magnetic Shielding:** The structure is naturally shielded, which reduces Electromagnetic Interference (EMI) with surrounding components.
#### B. Construction (Molded Type)
The wire coil is embedded directly into the metal powder and then molded. This results in:
* **Low Acoustic Noise:** Reduced "buzzing" compared to traditional wound inductors.
* **Robustness:** High physical durability and resistance to vibration.
---
### 3. Part Number Decoder
Understanding the naming convention helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **DFE** | Series Name (Metal Alloy Inductor) |
| **2520** | Dimensions (2.5mm x 2.0mm) |
| **10** | Height (1.0mm) |
| **P** | Internal Management Code |
| **R68** | Inductance Value (R68 = 0.68 µH) |
| **M** | Tolerance (M = ±20%) |
---
### 4. Common Applications
* **DC-DC Converters:** Used in point-of-load (POL) power supplies.
* **Mobile Devices:** Ideal for CPU/GPU power rails in smartphones and tablets.
* **Compact Modules:** Bluetooth modules and IoT sensors where height is restricted to 1mm.
- ⤷
How does the Isat current differ from the Itemp current in this inductor?
- ⤷ What are the advantages of using a metal alloy core over a ferrite core?
- ⤷ Is there a recommended soldering profile for the 2520 package size?