AI

## Technical Overview: DFE252010F-R82M=P2
The **DFE252010F-R82M=P2** is a high-performance, metal alloy-type fixed inductor manufactured by **Murata Electronics**. It belongs to the DFE series, which is specifically designed for power circuits in space-constrained applications like smartphones, tablets, and wearable devices.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Inductance** | 0.82 µH |
| **Tolerance** | ±20% |
| **DC Resistance (Max)** | 33 mΩ |
| **Rated Current (Isat)** | 4.4 A (based on Inductance change) |
| **Rated Current (Itemp)** | 3.6 A (based on Temperature rise) |
| **Operating Temperature** | -40°C to +125°C |
| **Core Material** | Metal Alloy |
| **Package Size (Metric)** | 2520 (2.5mm x 2.0mm) |
| **Height (Max)** | 1.0 mm |
---
### 2. Physical Characteristics and Design
* **Miniaturization:** The "2520" designation refers to its footprint (2.5mm x 2.0mm), and the "10" indicates its ultra-thin profile (1.0mm max height).
* **Metal Alloy Construction:** Unlike traditional ferrite inductors, this part uses a metal alloy powder. This provides **magnetic saturation characteristics** that are much smoother, allowing the part to handle higher currents without a sharp drop in inductance.
* **Magnetic Shielding:** The structure is naturally shielded, which minimizes Electromagnetic Interference (EMI) with surrounding components on the PCB.
---
### 3. Part Number Breakdown
The part number follows a specific nomenclature:
1. **DFE**: Series Name (Metal Alloy Inductor)
2. **2520**: Dimensions (2.5mm x 2.0mm)
3. **10**: Maximum Height (1.0mm)
4. **F**: Internal code for product characteristics
5. **R82**: Inductance Value (R82 = 0.82µH)
6. **M**: Tolerance (M = ±20%)
---
### 4. Typical Applications
Because of its high current capability and low profile, it is commonly used in:
* **DC-DC Converters:** Used in point-of-load (POL) power supplies.
* **Mobile Devices:** Power management modules for CPUs and GPUs in phones.
* **Consumer Electronics:** Ultra-portable laptops and IoT devices.
---
### 5. Code Example: Typical Thermal Derating Model
In power electronics design, engineers often simulate the thermal behavior of these inductors using basic scripts:
```python
def check_current_limit(operating_temp, rated_temp_limit=125):
"""
Simple check to ensure operating temperature remains within
Murata DFE252010F specifications.
"""
if operating_temp > rated_temp_limit:
return "Warning: Temperature exceeds safe operating range."
else:
return "Safe: Component is within thermal limits."
print(check_current_limit(85)) # Typical high-load scenario
```
- ⤷
What are the main advantages of metal alloy inductors over ferrite inductors?
- ⤷ How does the 'Isat' rating differ from 'Itemp' in this specific component?
- ⤷ What are the recommended PCB land patterns for the 2520 package size?