DFE201610P-R24M_18
AI

The **DFE201610P-R24M=P2** (often abbreviated as DFE201610P-R24M) is a high-performance, metal alloy core power inductor manufactured by **Murata Electronics**. It is specifically designed for high-density power supply circuits, such as DC-DC converters in mobile devices.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.24 µH |
| **Tolerance** | ±20% |
| **DC Resistance (Max)** | 19 mΩ |
| **Rated Current (Isat)** | 5.3 A (Saturation Current) |
| **Rated Current (Itemp)** | 4.3 A (Temperature Rise Current) |
| **Operating Temperature** | -40°C to +125°C |
| **Case Size (EIA/Metric)** | 0806 / 2016 |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's physical and electrical properties:
* **DFE**: Murata series name (Metal Alloy type).
* **2016**: Dimensions in millimeters ($2.0 \times 1.6 \text{ mm}$).
* **10**: Height/Thickness (max $1.0 \text{ mm}$).
* **P**: Internal construction code.
* **R24**: Inductance value (R24 = 0.24 µH).
* **M**: Tolerance (M = ±20%).
---
### 3. Core Technologies & Features
#### A. Metal Alloy Material
Unlike traditional ferrite inductors, this part uses a **metal alloy powder**. This provides "Soft Saturation" characteristics, meaning the inductance drops gradually as current increases, rather than dropping sharply. This prevents sudden circuit failures during current spikes.
#### B. Magnetic Shielding
The component is magnetically shielded. This is crucial for modern electronics to:
* Minimize **Electromagnetic Interference (EMI)**.
* Prevent cross-talk between the inductor and sensitive nearby components.
#### C. Low Profile
With a maximum height of **1.0 mm**, it is optimized for "thin" electronics like smartphones, tablets, and wearable technology.
---
### 4. Common Applications
* **Smartphones:** Power management IC (PMIC) circuits.
* **Laptops/Tablets:** Voltage regulator modules for CPUs and GPUs.
* **IoT Devices:** Battery-operated sensors requiring high efficiency in a small footprint.
* **DC-DC Converters:** High-switching frequency power supplies.
---
- ⤷
What is the difference between Isat and Itemp in power inductors?
- ⤷ How does a metal alloy core compare to a ferrite core?
- ⤷ What are the recommended soldering profiles for Murata DFE series inductors?