DFE201210U-R24M_18
AI

## Technical Overview of DFE201210U-R24M#P2
The **DFE201210U-R24M#P2** is a high-performance, metal alloy core inductor manufactured by **Murata Electronics**. It is specifically designed for high-efficiency power conversion in compact electronic devices.
---
### 1. Key Technical Specifications
| Parameter | Specification | Note |
| :--- | :--- | :--- |
| **Inductance** | 0.24 µH | ±20% Tolerance |
| **Case Size (EIA)** | 0805 | Metric: 2012 (2.0 x 1.2 mm) |
| **Height** | 1.0 mm | Low-profile design |
| **Rated Current (Isat)** | 5.3 A | Based on Inductance Change (Max) |
| **Rated Current (Itemp)** | 3.8 A | Based on Temperature Rise (Max) |
| **DC Resistance (DCR)** | 26 mΩ | Max value |
| **Core Material** | Metal Alloy | High saturation characteristics |
---
### 2. Core Technologies & Features
* **Metal Alloy Construction:** Unlike traditional ferrite inductors, this part uses a metal powder core. This allows for a "soft saturation" characteristic, meaning the inductance drops gradually rather than abruptly when current increases.
* **Magnetic Shielding:** The structure is naturally shielded, reducing Electromagnetic Interference (EMI) with surrounding components on the PCB.
* **High Current Density:** Due to the metal core, it can handle significantly higher currents relative to its small 2.0mm x 1.2mm footprint compared to standard wire-wound inductors.
---
### 3. Typical Applications
The DFE201210U-R24M is optimized for **DC-DC conversion** in space-constrained environments:
* **Smartphones & Tablets:** Power management integrated circuits (PMIC) for CPUs and GPUs.
* **Wearables:** Efficient power delivery for small batteries.
* **SSD/Storage:** Voltage regulation for high-speed controllers.
---
### 4. Part Number Breakdown
```text
DFE 2012 10 U - R24 M # P2
| | | | | | |
| | | | | | +-- Internal Code
| | | | | +-- Tolerance (M = ±20%)
| | | | +-- Inductance (R24 = 0.24µH)
| | | +-- Characteristics (General)
| | +-- Max Height (1.0mm)
| +-- Dimensions (2.0 x 1.2mm)
+-- Series Name (Metal Alloy Inductor)
```
- ⤷What is the difference between Isat and Itemp current ratings for this inductor?
- ⤷ Can this inductor be used in high-temperature automotive applications?
- ⤷ What are the advantages of metal alloy cores over ferrite cores in power circuits?