công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DF110N2

  • AI
    The **DF110N2** is a high-performance N-channel enhancement mode MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). It is primarily used in power management and switching applications due to its high current handling and low thermal resistance. --- ### 1. Technical Specifications Below are the typical electrical characteristics for the DF110N2: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 100V | | **Continuous Drain Current** | $I_D$ | 110A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~6.5 mΩ (at $V_{GS}$ = 10V) | | **Gate-Source Voltage** | $V_{GS}$ | ±20V | | **Total Gate Charge** | $Q_g$ | ~115 nC | | **Package Type** | - | TO-220 or TO-263 | --- ### 2. Key Features The DF110N2 is designed with specific technology to enhance efficiency in high-power circuits: * **Low $R_{DS(on)}$:** The low on-resistance reduces power dissipation during the "on" state, leading to higher energy efficiency and less heat generation. * **High Density Cell Design:** Utilizes advanced trench technology to achieve extremely high switching speeds and low gate charge. * **Excellent Thermal Performance:** Designed to handle high junction temperatures, making it robust for industrial environments. * **Avalanche Ruggedness:** Capable of withstanding energy pulses during inductive switching (UIS rated). --- ### 3. Common Applications Due to its 100V rating and high current capacity, it is frequently found in: 1. **Motor Controllers:** Used in E-bikes, scooters, and industrial DC motor drives. 2. **DC-DC Converters:** High-frequency power supplies and voltage regulator modules. 3. **BMS (Battery Management Systems):** Protection circuits for high-voltage battery packs. 4. **Inverters:** Solar power inverters and Uninterruptible Power Supplies (UPS). --- ### 4. Circuit Implementation Example In a standard switching circuit, the DF110N2 is used as a "Low-Side" switch. ```cpp // Logic representation of MOSFET switching if (PWM_Signal == HIGH) { Vgs = 10V; // MOSFET conducts, Load is ON } else { Vgs = 0V; // MOSFET stops, Load is OFF } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent MOSFET models for the DF110N2?
    • ⤷ How does the temperature affect the Rdson of this component?
    • ⤷ What is the recommended gate driver voltage for optimal switching?