công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DDB-UJS-R2

  • AI
    The **DDB-UJS-R2** is a specialized electronic control board, commonly associated with the internal logic and motor control of **Dyson Cordless Vacuums** (specifically variants within the V8/V10 series or similar battery management systems). Below is an explanation of its electronic components and architecture. --- ### 1. Component Overview The board serves as a **BMS (Battery Management System)** and a **Motor Controller**. It regulates high-current discharge while monitoring the health of lithium-ion cells. | Component Category | Primary Function | Typical Parts Found | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "Brain" of the unit; handles logic and safety protocols. | STMicroelectronics or Microchip 8/16-bit ICs. | | **MOSFETs** | High-speed switches that control power to the digital motor. | Low RDS(on) N-Channel MOSFETs. | | **Current Sense Resistors** | Measures the flow of electricity to prevent over-current. | Shunt resistors (R002 or R005). | | **Voltage Regulators** | Drops battery voltage (21.6V+) to logic levels (3.3V/5V). | LDOs or Buck Converters. | | **Protection ICs** | Monitors individual cell balancing and thermal runaway. | Dedicated Li-ion protection chips. | --- ### 2. Key Electronic Systems #### A. Power Management (BMS) The DDB-UJS-R2 is designed to manage a 6-cell (6S) Lithium-Ion configuration. * **Cell Balancing:** Ensures all cells charge and discharge equally to extend battery life. * **Thermal Monitoring:** Utilizes **Thermistors (NTC)** placed near the cells. If the board detects temperatures exceeding ~65°C, it triggers a "Hard Lock" (often indicated by a flashing red LED). #### B. The "Kill Switch" Logic One unique electronic feature of this board series is the **Permanent Failure Flag**. If the MCU detects a single cell voltage dropping below a critical threshold (approx. 1.5V - 2.0V), it writes a "Permanent Fail" bit to the EEPROM. This electronically disables the board for safety reasons, preventing the charging of potentially volatile cells. #### C. Communication & Feedback * **LED Interface:** Connects to a small sub-board to communicate status (Blue = OK, Red = Fault, Yellow = Temperature). * **Trigger Interface:** A Hall Effect sensor or physical microswitch input that signals the MCU to ramp up the MOSFET PWM (Pulse Width Modulation) for motor speed control. --- ### 3. Technical Specifications (General) | Parameter | Value | | :--- | :--- | | **Input Voltage** | 21.6V - 26V (DC) | | **Max Discharge Current** | ~20A - 30A (Burst) | | **Communication Protocol** | I2C / UART (Internal debugging) | | **Safety Certifications** | UL/CE standard compliance paths | --- ### 4. Common Failure Points If you are troubleshooting the DDB-UJS-R2, the following electronic parts are most likely to fail: 1. **Fuses:** Surface-mount thermal fuses that blow during a short circuit. 2. **MOSFET Breakdown:** High-load usage can cause the switching transistors to fail "shorted," meaning the vacuum won't turn off or won't start. 3. **Corrosion:** Because these boards are in vacuums, moisture intake often causes oxidation on the MCU pins.
    ✨ Follow-up Questions
    • ⤷ How do you reset the permanent failure flag on a DDB-UJS-R2 board?
    • ⤷ What are the pinouts for the programming header on this PCB?
    • ⤷ What specific MOSFET models are used for the motor drive section?