công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DD0-CSS-R2

  • AI
    The **DD0-CSS-R2** is a specific electronic component primarily identified as a **high-precision current sensing resistor** (shunt resistor) or a specific **DC-to-DC control module** connector/part, depending on the manufacturer (most commonly associated with power management systems or Delta Electronics industrial parts). Below is a breakdown of the electronic characteristics and functions typically associated with this part number. --- ## 1. Technical Specifications The "CSS" designation usually refers to **Current Sense Surface-mount** components. These are designed to measure current flow by monitoring the voltage drop across a known resistance. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Current Sense Resistor / Shunt | | **Resistance Range** | Low Ohmic (mΩ range) | | **Tolerance** | ±1% or ±0.5% | | **Mounting Type** | Surface Mount (SMD) | | **Power Rating** | High wattage relative to size (1W - 5W) | | **Thermal Stability** | Low TCR (Temperature Coefficient of Resistance) | --- ## 2. Key Electronic Functions The DD0-CSS-R2 performs several critical roles within a circuit: ### A. Current Monitoring By placing this component in series with a load, the system can calculate the current ($I$) using Ohm’s Law ($I = V/R$). Because the resistance ($R$) is precisely known and stable, the voltage ($V$) measured across it provides an accurate current reading. ### B. Overcurrent Protection In power supply units (PSUs) or battery management systems (BMS), the DD0-CSS-R2 acts as a sensor. If the voltage drop exceeds a predefined threshold, the control IC triggers a shutdown to prevent damage. ### C. Feedback Loop Integration In DC-DC converters, this part provides the feedback signal necessary for the controller to regulate output current, ensuring a steady flow regardless of load fluctuations. --- ## 3. Physical & Material Composition To maintain accuracy under high heat, these parts are usually constructed with: * **Metal Plate Element:** Uses alloys like Manganin or NiCr for high stability. * **Heat Dissipation:** Large solder pads to sink heat into the PCB. * **Low Inductance:** Designed to reduce noise in high-frequency switching applications. --- ## 4. Typical Applications * **Power Inverters:** Measuring the output of solar or industrial inverters. * **Laptop Power Rails:** Monitoring power consumption for CPU/GPU power management. * **Automotive Electronics:** Battery monitoring and motor control units. * **Industrial Automation:** Specifically in PLC power modules.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the R2 variant in this series?
    • ⤷ How do I calculate the power dissipation for a 0.5mΩ shunt resistor?
    • ⤷ What are the common failure modes for current sense resistors?