công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DCS-7130-48LS-R

  • AI
    The **Arista DCS-7130-48LS-R** is a specialized ultra-low latency network switch designed primarily for High-Frequency Trading (HFT) and financial services. Unlike standard Ethernet switches, it utilizes **FPGA (Field Programmable Gate Array)** technology and **Layer 1 (L1)** switching. --- ## 1. Core Electronic Architecture The hardware is built around a hybrid architecture that combines traditional switching with programmable logic. ### Key Hardware Components | Component | Description | Function | | :--- | :--- | :--- | | **FPGA (Field Programmable Gate Array)** | Xilinx Virtex UltraScale+ (or similar depending on sub-model) | Allows for custom logic, hardware-level packet processing, and nanosecond-level execution. | | **Layer 1 Matrix** | High-density crosspoint switch | Enables port-to-port forwarding with latencies as low as **5 nanoseconds**. | | **CPU** | Intel x86 Multi-core | Manages the control plane, Arista EOS, and management interfaces. | | **Memory (RAM)** | DDR4 ECC Memory | Supports the CPU for OS operations and buffers for the FPGA logic. | | **Clocking/Timing** | OCXO (Oven Controlled Crystal Oscillator) | Provides high-precision timing and synchronization for sensitive HFT applications. | --- ## 2. Port Configuration and Connectivity The "48LS" designation refers to the port density and type: * **Total Ports:** 48 SFP+ ports. * **Speed:** Supports 1GbE and 10GbE speeds. * **Physical Layer:** The electronic design focuses on "Direct PHY" access, meaning the FPGA can interact directly with the physical transceivers to minimize delay. --- ## 3. Power and Thermal Management The **"-R"** in the model name indicates the airflow direction (**Rear-to-Front**). ### Power Supply Units (PSUs) * **Redundancy:** Dual, hot-swappable AC or DC power supplies. * **Efficiency:** Typically 80 Plus Platinum rated to reduce heat waste. ### Cooling System * **Fan Modules:** N+1 redundant hot-swappable fan modules. * **Sensors:** Integrated thermal sensors across the PCB to monitor FPGA and CPU temperatures, adjusting PWM fan speeds dynamically. --- ## 4. Specialized Electronic Features ### MetaWatch & MetaMux The electronics are optimized for two primary modes: 1. **Aggregation (MetaMux):** Combining multiple incoming data streams into one with minimal jitter. 2. **Timestamping (MetaWatch):** Applying high-precision hardware timestamps (sub-nanosecond resolution) to packets as they enter the switch. ### Custom Development Because of the FPGA-centric design, users can upload their own **IP Cores** (Intellectual Property cores) to the electronics, essentially turning the switch into a custom hardware application (e.g., a hardware firewall or a risk-check engine). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Layer 1 and Layer 2 switching latency in this model?
    • ⤷ Which FPGA models are available for the 7130 series?
    • ⤷ How does the 'MetaWatch' feature handle nanosecond-level timestamping?