công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • DC2AB9AAA

  • AI
    Based on the part number provided, **DC2AB9AA** refers to a specific configuration of a subminiature snap-action switch, commonly manufactured by **ZF Electronics (formerly CHERRY)**. These switches are widely used in automotive, industrial, and consumer electronics due to their high reliability and small footprint. --- ### 1. Component Specifications The alphanumeric code "DC2AB9AA" identifies the specific mechanical and electrical characteristics of the switch. | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | DC Series | Subminiature Snap Action | | **Current Rating** | 10.1 Amps | High capacity for a small switch | | **Voltage Rating** | 250 VAC | Standard AC operating voltage | | **Circuitry** | SPDT | Single Pole Double Throw (On-On) | | **Actuator Type** | Pin Plunger | Standard push-button style | | **Terminal Type** | Solder | Designed for wire attachment | | **IP Rating** | IP67 | Protected against dust and temporary immersion | --- ### 2. Internal Construction These electronic parts consist of several critical sub-components that ensure a "snap" transition: * **Contact Material:** Usually Silver (Ag) or Silver Nickel (AgNi) for high conductivity and resistance to arcing. * **Leaf Spring:** A high-precision copper alloy spring that provides the mechanical force to snap the contacts between the Normally Open (NO) and Normally Closed (NC) positions. * **Housing:** Typically made of PET (Polyethylene Terephthalate) or PBT (Polybutylene Terephthalate), which are heat-resistant and flame-retardant. --- ### 3. Key Electrical Characteristics Below is a brief summary of the electrical behavior for this component: ```json { "part_number": "DC2AB9AA", "electrical_life": "10,000 cycles", "mechanical_life": "1,000,000 cycles", "operating_force": "Max 340 cN", "release_force": "Min 80 cN", "operating_temperature": "-40°C to +105°C" } ``` --- ### 4. Common Applications Because the DC2 series is rugged and sealed, it is frequently found in: 1. **Automotive:** Door locks, seatbelt sensors, and trunk releases. 2. **Appliances:** Safety interlocks in microwave ovens or washing machines. 3. **Industrial:** Limit switches in CNC machinery or automated assembly lines.
    ✨ Follow-up Questions
    • ⤷ What are the mechanical mounting differences between DC1 and DC2 series switches?
    • ⤷ How does the IP67 rating affect the wiring process for this part?
    • ⤷ Can this switch be used for low-current signal switching applications?