DBCUSB2AB0.5M
AI

The **DBCUSB2AB0.5M** is a standardized industrial-grade electronic assembly, typically categorized as a USB 2.0 interface cable. The part number follows a specific nomenclature used by manufacturers to define its electrical and physical characteristics.
---
### 1. Breakdown of the Part Number
| Segment | Meaning | Technical Specification |
| :--- | :--- | :--- |
| **DBC** | Manufacturer/Series | Often refers to Data/Bus Connection series. |
| **USB2** | Protocol | USB 2.0 standard (High Speed). |
| **A** | Connector 1 | USB Type-A (Standard Host connector). |
| **B** | Connector 2 | USB Type-B (Standard Device connector, often for printers/industrial gear). |
| **0.5M** | Length | 0.5 Meters (approx. 1.6 feet). |
---
### 2. Internal Electronic Components
While it appears to be a simple cable, the internal construction involves specific electronic engineering to meet USB 2.0 specifications:
* **Conductors (Wiring):**
* **Data Pair:** Two twisted wires (Green and White) for differential signaling ($D+$ and $D-$). The twisting is essential to cancel out Electromagnetic Interference (EMI).
* **Power Pair:** Two wires (Red for $+5V$ and Black for Ground) typically ranging from 24 AWG to 28 AWG.
* **Shielding:**
* **Al箔 (Aluminum Mylar):** Provides 100% coverage against high-frequency interference.
* **Braided Shield:** Tinned copper braid provides structural strength and low-frequency EMI protection.
* **Connectors:**
* **Gold-Plated Contacts:** Usually 1$\mu$ to 30$\mu$ gold plating to prevent oxidation and ensure low contact resistance.
* **Overmold:** PVC or PE material providing strain relief to the internal solder points.
---
### 3. Electrical Characteristics
| Parameter | Value |
| :--- | :--- |
| **Data Transfer Rate** | Up to 480 Mbps |
| **Max Voltage** | 5V DC |
| **Max Current** | 500mA (Standard USB 2.0 limit) |
| **Characteristic Impedance** | $90\Omega \pm 15\%$ (Differential) |
| **Insulation Resistance** | $10M\Omega$ Min |
---
### 4. Typical Applications
Because of the **Type-B** connector and the short **0.5M** length, this part is commonly used for:
* Connecting **Arduino Uno/Mega** boards to a PC.
* Industrial **PLC** (Programmable Logic Controller) programming.
* High-fidelity **USB DACs** (Digital-to-Analog Converters) where short cable lengths reduce jitter.
* Desktop peripherals like printers and scanners.
- ⤷
What is the difference in shielding between a standard and an industrial USB cable?
- ⤷ How does cable length affect the signal integrity of USB 2.0?
- ⤷ What are the specific pinouts for the USB Type-A and Type-B connectors?