D4D0112S-R60F
AI

## Technical Overview of D4D0112S-R60F
The **D4D0112S-R60F** is a precision mechanical component, specifically a **Rotary Switch** manufactured by Electroswitch (often part of their D4 Series). These switches are designed for high reliability in industrial and military-grade applications.
---
### Key Specifications
| Feature | Specification |
|:---|:---|
| **Switch Type** | Rotary |
| **Number of Positions** | 12 Positions |
| **Number of Poles** | 1 Pole |
| **Contact Timing** | Shorting (Make-Before-Break) |
| **Mounting Type** | Panel Mount |
| **Termination Style** | Solder Lug |
| **Index Angle** | 30° |
---
### Internal Electronic Components and Materials
The performance of the D4D0112S-R60F is defined by its internal materials and construction:
1. **Contacts:** Typically feature **Silver or Gold plating** over brass or copper. Silver provides excellent conductivity for power, while gold plating is used to prevent oxidation in low-signal (dry circuit) applications.
2. **Dielectric Insulation:** The wafers are usually made of **Diallyl Phthalate (DAP)** or ceramic. These materials provide high insulation resistance and can withstand significant voltage without arcing.
3. **Shorting Mechanism (R60F Variant):**
* The "Shorting" configuration means that as you turn the knob, the moving contact touches the next position *before* it leaves the current one.
* **Purpose:** This prevents "electrical noise" or spikes that occur during an open-circuit transition, making it ideal for audio equipment or sensitive signal routing.
---
### Application Use Cases
Due to its robust construction, this part is commonly found in:
* **Test & Measurement:** Oscilloscopes and multimeters for range selection.
* **Audio Engineering:** Channel switching or gain stage adjustments.
* **Industrial Controls:** Manual mode selection for heavy machinery.
* **Avionics:** Cockpit instrumentation where mechanical feedback is required.
---
### Connection Diagram Concept
While a full schematic depends on your specific circuit, the logical layout is as follows:
```text
[Common Terminal]
|
________|________
/ 1 2 3 4 \
| 12 5 | <-- 12 Discrete Positions
| 11 6 | (30 degree spacing)
\ 10 9 8 7 /
-----------------
```
- ⤷
What is the difference between shorting and non-shorting contacts in this model?
- ⤷ What is the maximum current and voltage rating for the D4 series?
- ⤷ How do I wire this switch for a multi-step voltage divider?