D4C0112S-R30C
AI

The **D4C0112S-R30C** is a specialized high-performance electromechanical component, typically identified as a **high-power rotary switch** or a specific **limit switch assembly**, often utilized in industrial automation or radio frequency (RF) applications depending on the manufacturer (most notably associated with Electroswitch or specialized sensor divisions).
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. Key Technical Specifications
The part number follows a modular logic. Here is a general breakdown of its electronic profile:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Rotary Switch / Selector Switch |
| **Circuit Configuration** | SP12T (Single Pole, 12 Position) |
| **Mounting Type** | Panel Mount |
| **Termination Style** | Solder Lug / PC Pin (variant dependent) |
| **Contact Material** | Silver Alloy or Gold-Plated (for low-level switching) |
| **Index Angle** | 30° indexing (R30C designation) |
---
### 2. Internal Electronic Parts & Construction
The device is composed of several critical sub-components that ensure electrical integrity:
#### A. Stator and Rotor
* **Stator:** The fixed part of the switch containing the 12 contact points. It is usually made of a high-dielectric diallyl phthalate or ceramic to prevent arcing between positions.
* **Rotor:** The moving element that completes the circuit. It is designed with "wiping" contacts to self-clean oxidation during every turn.
#### B. Contact Mechanism
* **Non-Shorting (Break-Before-Make):** Most "S" suffix models in this series are non-shorting, meaning the connection to position 1 is broken before the connection to position 2 is made. This prevents momentary electrical shorts between output channels.
#### C. Detent Assembly
* The **R30C** suffix indicates a 30-degree throw. This is a mechanical "click" mechanism using a spring-loaded ball bearing to ensure the switch sits perfectly on the electronic contact, reducing contact resistance.
---
### 3. Electrical Ratings
While specific tolerances can vary by exact manufacturer datasheet, the D4C series generally adheres to:
* **Current Rating:** Typically 0.5A to 1.5A at 28VDC or 115VAC.
* **Contact Resistance:** Initially very low (under 10 milliohms).
* **Insulation Resistance:** 1,000 Megohms minimum.
* **Dielectric Strength:** Usually rated for 1,000V RMS at sea level.
---
### 4. Common Applications
Due to its robust construction, the D4C0112S-R30C is found in:
1. **Test Equipment:** Selecting between 12 different sensor inputs or signal paths.
2. **Communication Gear:** Band switching in RF power amplifiers.
3. **Industrial Controls:** Manual override systems for multi-stage machinery.
---
- ⤷
What is the difference between shorting and non-shorting contacts for this part?
- ⤷ How does the 30-degree indexing affect the total rotation of the switch?
- ⤷ What are the environmental sealing ratings (IP ratings) for the D4C series?