công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • D449-R1LL-G2

  • AI
    The **D449-R1LL-G2** is a specific model of a **Miniature Snap Action Switch** (often called a Microswitch) manufactured by **ZF Electronics** (formerly Cherry). These switches are widely used for precision detection and power control in industrial and automotive applications. --- ## 1. Technical Specifications The D44 series is known for its high electrical rating and durability in a compact form factor. | Feature | Specification | | :--- | :--- | | **Circuitry** | SPDT (Single Pole Double Throw) | | **Switch Function** | On-Mom (Momentary) | | **Current Rating** | 10A @ 125/250 VAC | | **Actuator Type** | Long Straight Lever | | **Termination Style** | Solder Terminals / Quick Connect | | **Operating Force** | ~150 cN (Standard Force) | | **Mechanical Life** | 2 x 10^5 cycles (approx.) | --- ## 2. Component Breakdown The part number **D449-R1LL-G2** follows a specific naming convention that defines its electronic and physical characteristics: ### A. Electrical Contacts (D44) * **D4 Series:** Indicates the base model of the heavy-duty microswitch. * **4:** Refers to the specific electrical rating (10 Amps). * **9:** Usually indicates a variation in material or internal contact plating (often silver-based for power switching). ### B. Actuator and Lever (R1LL) * **LL:** Stands for **Long Lever**. This provides a mechanical advantage, allowing the switch to be triggered with less force from a distance, making it ideal for detecting physical movement or door closures. * **R1:** Defines the specific pivot point and radius of the lever arm. ### C. Terminal and Environment (G2) * **G2:** This suffix typically denotes the **Termination Type**. In this series, it usually refers to 4.8mm x 0.5mm (0.187") quick-connect/solder terminals. --- ## 3. Internal Working Principle The D449 functions using a **snap-action mechanism**. This means that regardless of how slowly the lever is pressed, the internal contacts snap from one position to the other at a high speed. 1. **Common (COM):** The input power. 2. **Normally Closed (NC):** Power flows through here when the lever is at rest. 3. **Normally Open (NO):** Power flows through here only when the lever is depressed. --- ## 4. Common Applications * **Industrial Automation:** Limit switches for conveyor belts or robotic arms. * **Appliances:** Safety interlocks for microwaves or washing machine lids. * **Vending Machines:** Detecting coin drops or product dispensing. * **HVAC:** Air pressure sensing or damper positioning.
    ✨ Follow-up Questions
    • ⤷ What is the difference between SPDT and SPST in microswitches?
    • ⤷ How do I calculate the 'Release Force' for a long lever switch?
    • ⤷ Are there waterproof versions (IP67) available for the D44 series?