công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • D449-R1AA

  • AI
    The **D449-R1AA** is a specific model of a subminiature snap-action microswitch, typically manufactured by **ZF Electronics** (formerly **CHERRY**). These switches are widely used in industrial, automotive, and consumer electronics due to their high reliability and precise actuation. --- ### 1. Technical Specifications Below are the primary electronic and mechanical characteristics of the D449-R1AA: | Feature | Specification | | :--- | :--- | | **Series** | D4 Series (Subminiature) | | **Contact Configuration** | SPDT (Single Pole Double Throw) | | **Switching Current** | 10A at 250VAC | | **Operating Force** | ~150 cN (Standard Force) | | **Terminal Type** | Quick Connect / Solder (2.8 x 0.5 mm) | | **Actuator Type** | Simulated Roller Lever | | **Housing Material** | PET (Polyester) | | **Contact Material** | Silver Alloy (AgNi) | --- ### 2. Core Electronic Components #### A. Contact Configuration (SPDT) The device features three terminals: 1. **COM (Common):** The input terminal. 2. **NC (Normally Closed):** Connected to COM when the lever is at rest. 3. **NO (Normally Open):** Connects to COM only when the lever is depressed. #### B. Snap-Action Mechanism Unlike a standard toggle switch, the D449-R1AA uses a **tension spring mechanism**. When the actuator reaches a specific "trip point," the internal contacts snap from one position to the other at a high speed, regardless of how slowly the lever is being pushed. This minimizes arcing and extends the electrical life of the switch. #### C. Actuator (Simulated Roller) The "R1" in the part number refers to the **Simulated Roller Lever**. This is a formed metal lever that mimics the behavior of a roller bearing. It is designed to reduce friction when the switch is being triggered by a cam or a sliding mechanical part. --- ### 3. Application Use Cases Due to its high current rating (10A) and compact size, it is commonly used in: * **Appliances:** Door interlocks for microwave ovens or washing machines. * **Industrial:** Limit switches for CNC machinery or 3D printers. * **Automotive:** Gear shifters or seat adjustment sensors. * **Vending:** Product detection or coin mechanism triggers. --- ### 4. Circuit Diagram Representation In a schematic, the D449-R1AA is represented as follows: ```text [NO] Pin 3 (Normally Open) / [COM] Pin 1 ----o \ [NC] Pin 2 (Normally Closed) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum DC voltage rating for the D449 series?
    • ⤷ How does the simulated roller lever differ from a standard straight lever in terms of mechanical wear?
    • ⤷ What are the environmental sealing ratings (IP rating) for this specific switch?