công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • D429-R1LL-G2

  • AI
    The **D429-R1LL-G2** is a specific model of a **Miniature Snap Action Switch** (commonly known as a Micro Switch) manufactured by **ZF Electronics** (formerly Cherry). These switches are widely used in industrial, automotive, and consumer electronics due to their high reliability and small footprint. --- ### 1. Technical Specifications The following table highlights the core electrical and mechanical characteristics of the D429 series: | Parameter | Specification | | :--- | :--- | | **Switch Type** | Snap Action (Micro Switch) | | **Circuitry** | SPDT (Single Pole Double Throw) | | **Current Rating** | 100mA (Logic Level / Low Current) | | **Voltage Rating** | 125V AC / 30V DC | | **Actuator Type** | Long Straight Lever | | **Terminal Type** | Solder Terminals / PCB Pins (depending on variant) | | **Operating Force** | ~20g to 45g (Low Force) | | **Contact Material** | Gold (Au) - optimized for low-current switching | --- ### 2. Key Electronic Components & Design #### A. Gold Contacts Unlike standard switches that use silver contacts for high-power applications, the "G2" suffix usually indicates **Gold contacts**. * **Purpose:** Gold prevents oxidation and ensures reliable electrical contact in "dry circuits" (low voltage/low current) where there isn't enough energy to burn through surface oxidation. #### B. Snap-Action Mechanism The internal "omega spring" mechanism ensures that the contacts move rapidly from one position to another regardless of the speed at which the lever is pressed. This minimizes arcing and provides a distinct tactile "click." #### C. SPDT Configuration The switch features three internal pins: 1. **COM (Common):** The input. 2. **NC (Normally Closed):** Connected to COM when the lever is at rest. 3. **NO (Normally Open):** Connects to COM only when the lever is depressed. --- ### 3. Application Use Cases Because of its low operating force and gold-plated contacts, the D429-R1LL-G2 is typically found in: * **Precision Sensors:** Detecting the presence of paper in printers. * **Safety Interlocks:** Ensuring a door or panel is closed in medical devices. * **Logic Level Interfacing:** Directly triggering inputs on Microcontrollers (Arduinos, PLCs) without needing debouncing power. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between silver and gold contacts in micro switches?
    • ⤷ How do I wire a D429 switch to a microcontroller?
    • ⤷ What does the 'R1LL' signify in the ZF part numbering system?