công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • D250-R

  • AI
    The **D250-R** is commonly associated with industrial-grade electronic components, most notably the **D250-R Series Power Controllers** (often used in heating control systems) or specific **D-Series** electronic modules. Below is a breakdown of the core electronic parts and technical specifications generally associated with this hardware. --- ## 1. Core Electronic Components The D250-R typically consists of several layers of circuitry designed for power management and switching. | Component Category | Description | Primary Function | |:---|:---|:---| | **Power Semiconductors** | High-power Thyristors or SCRs (Silicon Controlled Rectifiers). | Switches high AC voltage loads based on control signals. | | **Logic Controller** | Microprocessor or dedicated ASIC. | Processes input signals (4-20mA, 0-10V) to determine firing angle. | | **Isolation Barrier** | Opto-isolators or Isolation Transformers. | Protects the control electronics from high-voltage spikes. | | **Heat Sink** | Aluminum extruded fins. | Dissipates heat generated by the power semiconductors. | | **Feedback Loop** | Current transformers or voltage sensors. | Monitors output to ensure accuracy and protection. | --- ## 2. Technical Specifications These parts are engineered to handle industrial environments. * **Input Control Signal:** * Analog: 4-20mA DC, 1-5V DC, or 0-10V DC. * Manual: Via External Potentiometer. * **Load Voltage:** Typically supports 200V to 480V AC (depending on the specific sub-model). * **Current Rating:** Usually rated for 25A to 50A for the "250" series chassis. * **Response Time:** Often less than 1 cycle of the AC frequency. --- ## 3. Circuit Topologies (Internal Layout) The electronic design usually follows one of two control methods: ### Phase Angle Firing The electronic parts chop the sine wave to control the amount of power sent to the load. This requires: * **Zero-crossing detectors** to synchronize with the AC line. * **Filter capacitors** to mitigate electromagnetic interference (EMI). ### Burst Firing (Zero-Cross) The controller turns the power fully ON or OFF for a specific number of cycles. * **Advantage:** Minimal electronic noise. * **Key Part:** Zero-voltage triggering circuit. --- ## 4. Protection and Diagnostic Parts To ensure the longevity of the D250-R, the following protective electronics are integrated: 1. **MOV (Metal Oxide Varistor):** Protects the thyristors against transient voltage surges. 2. **Fast-Acting Fuses:** Prevents damage to the internal semiconductors during a short circuit. 3. **Thermal Switches:** Automatically shuts down the unit if the heat sink temperature exceeds safety limits (usually 85°C - 90°C). 4. **LED Indicators:** Provide visual status of power, input signal presence, and error states. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between phase angle and zero-cross firing in the D250-R?
    • ⤷ How do I troubleshoot an 'Overheat' LED on this specific power controller?
    • ⤷ Can the D250-R handle inductive loads like motors
    • ⤷ or is it strictly for resistive heating?