D2302-R-GFPB
AI

The **D2302-R-GFPB** is a high-performance, N-Channel Enhancement Mode MOSFET commonly used in power management and switching applications. It is designed to handle low-voltage, high-current signals with high efficiency.
### Technical Specifications
Below are the primary electrical characteristics for the D2302-R-GFPB:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DS}$ | 20 | V |
| **Gate-Source Voltage** | $V_{GS}$ | ±8 | V |
| **Continuous Drain Current** | $I_D$ | 2.0 - 2.8 | A |
| **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~55 - 85 | mΩ |
| **Total Gate Charge** | $Q_g$ | ~3.5 | nC |
| **Package Type** | SOT-23 | --- | --- |
---
### Key Features and Internal Structure
1. **N-Channel Enhancement Mode:** This means the device is "normally off" and requires a positive gate voltage to allow current to flow between the drain and the source.
2. **Low $R_{DS(on)}$:** The low resistance when the transistor is fully "on" ensures minimal power dissipation and heat generation, making it ideal for battery-operated devices.
3. **Fast Switching Speed:** Due to low gate charge ($Q_g$), the device can transition between on and off states rapidly, which is essential for PWM (Pulse Width Modulation) circuits.
4. **GFPB Nomenclature:** Usually indicates "Green" (Halogen-free) and "Lead-Free" (Pb-free) compliance, meeting RoHS standards.
---
### Common Applications
The D2302 series is versatile and found in the following circuits:
* **Load Switching:** Used to turn power rails on or off in portable electronics.
* **DC-DC Converters:** Acts as a switching element in buck or boost regulators.
* **Battery Protection:** Integrated into BMS (Battery Management Systems) for lithium-ion cells.
* **LED Driving:** Controlling the brightness of small LED arrays via high-frequency switching.
### Circuit Diagram Representation
In a typical circuit, the pins for the SOT-23 package are mapped as follows:
```text
SOT-23 Package
_______
(G) | 1 3 | (D)
| 2 |
-------
(S)
1: Gate (Control)
2: Source (Ground/Input)
3: Drain (Output/Load)
```
---
- ⤷
What are the equivalent MOSFET part numbers for the D2302?
- ⤷ How does temperature affect the Rds(on) of this specific transistor?
- ⤷ What is the maximum power dissipation (Pd) for the SOT-23 version of this chip?