công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • D2302-R-CFPB

  • AI
    The **D2302-R-CFPB** is a specific part number typically associated with high-performance electronic connectors or localized industrial electronic assemblies (often related to automotive or telecommunication hardware). Based on standard industry nomenclature, it belongs to the category of **High-Speed Board-to-Board or Interface Connectors.** --- ### 1. Key Technical Specifications While exact specifications can vary by manufacturer (such as Foxconn or Hirose), the "D2302" series generally follows these parameters: | Component Feature | Description | | :--- | :--- | | **Category** | High-density Connector / Interface Component | | **Pin Count** | Variable (often determined by the series suffix) | | **Mounting Type** | Surface Mount (SMT) or Through-Hole | | **Contact Plating** | Gold (often denoted by the "CF" or "P" suffix) | | **Orientation** | Right-Angle or Vertical (depending on the R-suffix) | | **Material** | High-temperature thermoplastic (Halogen-Free) | --- ### 2. Part Number Breakdown (Generalized) The alphanumeric code provides specific details about the part's construction: * **D2302:** The base series designator (Series ID). * **R:** Often indicates **Right-Angle** orientation or **Reverse** mounting configuration. * **CF:** Usually refers to the **Contact Finish** (e.g., Copper Alloy with Gold plating over Nickel). * **PB:** Often stands for **Lead-Free (Pb-Free)** or specific **Packaging** (like Tape & Reel or Plastic Bag). --- ### 3. Application Areas These electronic parts are designed for environments requiring high signal integrity and compact form factors: 1. **Consumer Electronics:** Internal connections in laptops, tablets, and high-end gaming consoles. 2. **Automotive Systems:** Infotainment units and ADAS (Advanced Driver Assistance Systems) modules. 3. **Telecommunications:** Network switches and router backplanes where high data throughput is required. --- ### 4. Handling and Soldering Requirements Due to the precise nature of the D2302-R-CFPB, the following standards are usually required: ```markdown - Soldering: Reflow soldering recommended (Pb-free profile). - Peak Temperature: 260°C for 10 seconds. - Storage: Moisture Sensitivity Level (MSL) 1 or 2. - Cleaning: Compatible with standard aqueous or solvent cleaners. ``` ---
    ✨ Follow-up Questions
    • Who is the primary manufacturer of the D2302-R-CFPB series?
    • What is the specific pitch (spacing between pins) for this part?
    • Can this component be used in high-vibration automotive environments?