công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • D15PS50

  • AI
    The **D15PS50** is a specific type of power semiconductor component, typically classified as a **Power MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor). It is designed to handle high-voltage and high-current switching applications. --- ## Technical Specifications Based on standard naming conventions for industrial power MOSFETs, the technical breakdown is as follows: | Parameter | Characteristic | Description | | :--- | :--- | :--- | | **Component Type** | N-Channel MOSFET | Standard polarity for high-side or low-side switching | | **Voltage Rating ($V_{DSS}$)** | 500V | Maximum voltage the drain-source can withstand | | **Current Rating ($I_{D}$)** | 15A | Continuous drain current capacity at standard temperature | | **Package Type** | TO-220 / TO-247 | Common through-hole power packages for heat dissipation | | **RDS(on)** | Low Resistance | Designed to minimize power loss during conduction | --- ## Internal Structure and Function The D15PS50 operates through three main terminals: 1. **Gate (G):** The control terminal. A voltage applied here creates an electric field that allows current to flow. 2. **Drain (D):** The terminal where the current enters the device. 3. **Source (S):** The terminal where the current exits. ### Key Features * **High Switching Speed:** Suitable for high-frequency pulse width modulation (PWM). * **Avalanche Ruggedness:** Ability to survive voltage spikes beyond its rated capacity for short durations. * **Thermal Management:** The metallic tab on the back is designed to be bolted to a heatsink. --- ## Common Applications This part is commonly found in power conversion circuits where high efficiency is required: * **Switch Mode Power Supplies (SMPS):** Used in PC power supplies and industrial chargers. * **Uninterruptible Power Supplies (UPS):** Managing battery-to-AC conversion. * **Motor Controllers:** Driving DC motors or brushless systems. * **LED Drivers:** High-voltage switching for large-scale lighting arrays. --- ## Safety and Handling > [!IMPORTANT] > Because the D15PS50 is a MOS device, it is sensitive to **Electrostatic Discharge (ESD)**. Always use grounded wrist straps when handling the component to prevent puncturing the internal oxide layer.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for a D15PS50?
    • ⤷ How do I test if a D15PS50 is blown using a multimeter?
    • ⤷ What size heatsink is recommended for a 15A load on this MOSFET?