công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • D12PS50

  • AI
    The **D12PS50** is a specific electronic component generally identified as a **High-Voltage Rectifier Diode** or a **Power Schottky Diode**, depending on the specific manufacturer (commonly associated with SanRex or similar power semiconductor firms). It is designed for high-frequency switching and power rectification. --- ## 1. Component Overview The "D12PS50" nomenclature typically breaks down into its primary electrical characteristics: * **D**: Diode. * **12**: Represents the average forward current ($I_F$) of **12 Amperes**. * **50**: Represents the peak repetitive reverse voltage ($V_{RRM}$) of **500 Volts** (though in some Schottky series, this might denote 50V; always verify with the specific datasheet). ### Key Technical Specifications | Parameter | Value (Typical) | | :--- | :--- | | **Max Average Forward Current ($I_O$)** | 12 A | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 500 V | | **Forward Voltage Drop ($V_F$)** | ~1.1V to 1.5V (at full current) | | **Reverse Recovery Time ($t_{rr}$)** | Fast/Ultra-Fast (Nanoseconds range) | | **Operating Temperature** | -40°C to +150°C | | **Package Type** | Often TO-220 or TO-3P | --- ## 2. Internal Construction The D12PS50 is built to handle significant thermal stress. It features: 1. **Silicon Junction:** A high-purity silicon wafer optimized for low leakage current. 2. **Heat Sink Interface:** The back of the component (usually a metal tab) is designed to be bolted to an external aluminum heat sink to dissipate heat generated during high-current conduction. 3. **Passivation:** The chip is passivated (protected with a chemical layer) to ensure stability under high voltage. --- ## 3. Common Applications Due to its 12A rating and high voltage capacity, this part is found in: * **Switching Mode Power Supplies (SMPS):** Used in the output rectification stage to convert high-frequency AC to DC. * **Motor Drives:** Acts as a "freewheeling diode" to protect transistors from voltage spikes caused by inductive loads. * **Inverters:** Used in solar inverters or UPS systems for power conditioning. * **DC-DC Converters:** High-speed switching to minimize energy loss. --- ## 4. Equivalent and Replacement Parts If you are looking for a replacement, you must match the **Current**, **Voltage**, and **Recovery Speed**. Common equivalents include: * **MUR1250:** Ultra-fast recovery diode (12A, 500V). * **STPS12H100:** (Note: Voltage must be checked against your specific circuit requirements). * **FES16JT:** A common alternative in the 16A range. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific package type for your D12PS50 (e.g.
    • ⤷ TO-220 or TO-3P)?
    • ⤷ Do you need a circuit diagram showing how to wire this diode for power rectification?
    • ⤷ Are you experiencing a failure with this component in a specific device like a power supply?