CW252016-R39J
AI

The **CW252016-R39J** is a high-frequency, wire-wound surface mount (SMD) chip inductor. It is commonly used in RF (Radio Frequency) circuits for filtering, impedance matching, and resonance.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CW** | Series | Ceramic core, wire-wound chip inductor. |
| **252016** | Dimensions | Metric size: 2.5mm x 2.0mm x 1.6mm (Approx. 1008 Imperial). |
| **R39** | Inductance | **0.39 µH** (390 nH). The "R" acts as a decimal point. |
| **J** | Tolerance | **±5%** (Standard tolerance for RF inductors). |
---
### 2. Key Technical Specifications
Below are the typical electrical parameters for this specific part:
* **Inductance:** 0.39 µH (at 25.2 MHz test frequency).
* **Quality Factor (Q):** High Q (typically >25-30), which indicates low energy loss at high frequencies.
* **Self-Resonant Frequency (SRF):** Usually around 500-600 MHz.
* **DC Resistance (DCR):** Low resistance (typically <1.0 Ω) to minimize heat and voltage drop.
* **Rated Current:** Usually handles between 200mA to 450mA depending on the specific manufacturer (e.g., Bourns or TDK).
---
### 3. Construction and Features
The CW252016 series is designed for precision and durability:
* **Ceramic Core:** Unlike ferrite cores, ceramic cores provide excellent thermal stability and a very high SRF, making them ideal for high-frequency applications.
* **Wire-Wound Design:** Copper wire is wrapped around the ceramic body. This construction allows for much higher Q-factors and current-handling capabilities compared to multilayer chip inductors.
* **Encapsulation:** Often coated with a clear epoxy resin to protect the winding from mechanical damage and environmental moisture.
---
### 4. Common Applications
* **RF Communications:** Cell phones, Wi-Fi modules, and Bluetooth devices.
* **Impedance Matching:** Used in antenna circuits to ensure maximum power transfer.
* **Filtering:** Low-pass or band-pass filters in high-speed signal lines.
* **Oscillators:** Part of the LC (Inductor-Capacitor) tank circuits that generate specific frequencies.
- ⤷
What are the main differences between ceramic core and ferrite core inductors?
- ⤷ How do I calculate the resonant frequency for a circuit using this inductor?
- ⤷ What are the equivalent alternative part numbers for the CW252016-R39J?