CW252016-R18J
AI

The **CW252016-R18J** is a surface-mount (SMD) wire-wound chip inductor typically used in high-frequency applications. It belongs to the 1008 (metric 2520) size family.
---
### 1. Part Number Breakdown
The alphanumeric code follows a standard naming convention for electronic components:
| Component Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **CW** | Series Type | Wire-wound chip inductor |
| **2520** | Case Size (Metric) | 2.5mm x 2.0mm (corresponds to **1008** Imperial) |
| **16** | Profile/Height | Approximately 1.6mm |
| **R18** | Inductance Value | **0.18 µH** (180 nH) |
| **J** | Tolerance | **±5%** |
---
### 2. Technical Specifications
These are the typical electrical characteristics for this specific part number:
* **Inductance:** 180 nH (0.18 µH)
* **Quality Factor (Q min):** ~45 (measured at 350 MHz)
* **Self-Resonant Frequency (SRF):** ~950 MHz to 1.2 GHz
* **DC Resistance (DCR max):** ~0.50 Ohms
* **Rated Current (I DC):** ~450 mA
* **Operating Temperature:** -40°C to +125°C
---
### 3. Key Construction Features
* **Wire-wound Core:** Features a ceramic or ferrite core with copper wire wrapped around it. This construction provides much higher **Q factors** and current handling compared to multilayer inductors.
* **Ceramic Body:** The use of ceramic ensures excellent thermal stability and high SRF, making it ideal for RF circuits.
* **Encapsulation:** Usually coated with a clear epoxy resin to protect the windings and provide a flat top surface for automated "pick and place" assembly.
---
### 4. Common Applications
Due to its high resonance and precision, the CW252016-R18J is found in:
1. **RF Circuits:** Matching networks, filters, and oscillators.
2. **Wireless Communication:** WiFi modules, Bluetooth devices, and GPS receivers.
3. **Broadband I/O:** Signal conditioning in high-speed data lines.
4. **Mobile Infrastructure:** Base stations and telecommunication repeaters.
---
- ⤷
What is the difference between a wire-wound and a multilayer inductor?
- ⤷ How does the 'Q factor' affect the performance of this inductor in an RF circuit?
- ⤷ Are there alternative case sizes for the 180nH inductance value?