CW252016-R12J
AI

The **CW252016-R12J** is a high-frequency, wire-wound chip inductor commonly used in RF (Radio Frequency) communication circuits. This part is part of the CW252016 series, typically manufactured by companies like Bourns.
Below is a detailed breakdown of its specifications and characteristics.
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's physical and electrical properties:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **CW** | Type | Ceramic Wire-wound Inductor |
| **252016** | Size (Metric) | 2.5mm x 2.0mm x 1.6mm (Approx. 1008 Imperial) |
| **R12** | Inductance Value | 0.12 µH (120 nH) |
| **J** | Tolerance | ±5% |
---
### 2. Technical Specifications
These components are designed for high-performance applications where stability and high Q-factors are required.
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 120 nH (0.12 µH) |
| **Tolerance** | ±5% |
| **Quality Factor (Q min.)** | 45 (at 252 MHz) |
| **Self-Resonant Frequency (SRF)** | 1100 MHz (Typical) |
| **DCR (Max)** | 0.65 Ω |
| **Rated Current (Idc)** | 450 mA |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Key Features
* **High Q-Factor:** The wire-wound construction on a ceramic core provides a high Quality factor, which is essential for low signal loss in RF circuits.
* **High SRF:** Its ability to maintain inductive properties at high frequencies (up to 1.1 GHz) makes it ideal for wireless applications.
* **Physical Durability:** The ceramic body offers excellent thermal stability and mechanical strength.
* **Small Footprint:** The 1008 (2520 metric) size allows for high-density PCB mounting.
---
### 4. Common Applications
Due to its high frequency and precision characteristics, it is typically found in:
1. **RF Filter Circuits:** Used in band-pass or low-pass filters for signal conditioning.
2. **Impedance Matching:** Tuning antennas in mobile phones, Wi-Fi modules, and Bluetooth devices.
3. **Oscillators:** Providing stable inductance for VCOs (Voltage Controlled Oscillators).
4. **Amplifiers:** Decoupling and biasing in RF power amplifiers.
- ⤷
What is the difference between wire-wound and multilayer inductors?
- ⤷ Can this inductor be used in high-power power supply circuits?
- ⤷ How does the Q-factor affect signal performance in RF circuits?