công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CW2012A-R18_

  • AI
    The **CW2012A-R18J** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are critical in RF (Radio Frequency) and high-speed signal applications for filtering, tuning, and impedance matching. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the component: | Segment | Meaning | Description | | :--- | :--- | :--- | | **CW** | Series | Ceramic Wire-wound Inductor | | **2012** | Case Size | 2.0mm x 1.25mm (EIA 0805 metric) | | **A** | Material/Process | Standard Alumina ceramic core | | **R18** | Inductance Value | R denotes decimal point (0.18 µH or 180 nH) | | **J** | Tolerance | ±5% | --- ### 2. Technical Specifications Typical electrical parameters for the **180 nH** variant (R18) in the 0805 package: | Parameter | Value | | :--- | :--- | | **Inductance** | 180 nH (0.18 µH) | | **Tolerance** | ±5% (J) | | **Quality Factor (Q min)** | ~25 to 30 (at 100MHz) | | **SRF (Self Resonant Freq)** | ~1200 MHz (1.2 GHz) | | **Max DC Current (Idc)** | ~400 mA | | **Max DC Resistance (Rdc)** | ~0.70 Ω | | **Operating Temp** | -40°C to +125°C | --- ### 3. Key Features * **Ceramic Core:** Provides excellent thermal stability and high SRF (Self-Resonant Frequency). * **Wire-Wound Construction:** Allows for higher Q-factors and lower DC resistance compared to multilayer inductors. * **Miniature Footprint:** The 0805 (2012 metric) size is ideal for high-density PCB designs. * **Tight Tolerance:** The ±5% tolerance ensures predictable performance in RF matching circuits. --- ### 4. Typical Applications These inductors are commonly found in the following electronic modules: 1. **RF Matching Networks:** Tuning antennas and power amplifiers in smartphones or Wi-Fi modules. 2. **Filter Circuits:** Used in Band-Pass and Low-Pass filters for noise suppression. 3. **Oscillators:** Providing stable inductance for frequency generation. 4. **High-Speed Signal Integrity:** Decoupling and EMI suppression in high-speed digital lines. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a wire-wound inductor and a multilayer inductor?
    • ⤷ How does the Self-Resonant Frequency (SRF) affect the performance of this part?
    • ⤷ Can this inductor be used for power supply filtering above 1 Amp?