công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CVR1-FB-R

  • AI
    The **CVR1-FB-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Trimmer Potentiometer**. These components are used for fine-tuning voltage levels or resistance values within a circuit during the manufacturing or calibration phase. --- ## 1. Component Overview The "CVR" series (often associated with manufacturers like **Copar** or **Kyocera**) represents small, variable resistors designed for automated assembly. ### Technical Specifications | Parameter | Specification (Typical) | |:---|:---| | **Resistance Range** | 100Ω to 1MΩ | | **Tolerance** | ±25% | | **Power Rating** | 0.1 Watts at 70°C | | **Maximum Voltage** | 50V DC | | **Rotation Angle** | 240° ± 20° | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Footprint** | 3mm (Ultra-miniature) | --- ## 2. Part Number Breakdown While nomenclature varies slightly by brand, the code usually breaks down as follows: * **CVR**: Series identifier (Chip Variable Resistor). * **1**: Size code (typically refers to the 3mm class). * **FB**: Specific design features (Carbon film element, flat-top, or specific terminal style). * **R**: Packaging code (usually signifies **Tape & Reel** for automated pick-and-place machines). --- ## 3. Internal Construction The CVR1-FB-R is composed of several key layers: 1. **Substrate:** An alumina ceramic base that provides structural integrity and heat resistance. 2. **Resistive Element:** A carbon film or cermet layer printed onto the ceramic. 3. **Wiper:** A metal contact that moves across the resistive element to change the resistance. 4. **Terminals:** Solder-plated leads (often "J-hook" or "Gull-wing" style) for SMT soldering. --- ## 4. Key Applications Because of its small size and low power rating, this part is not intended for user-facing volume knobs. Instead, it is used for: * **Calibration:** Adjusting sensor sensitivity in IoT devices. * **LCD Contrast:** Tuning the backlight or display clarity. * **Battery Management:** Fine-tuning voltage thresholds. * **RF Modules:** Adjusting gain stages in telecommunications equipment. --- ## 5. Design Considerations * **Adjustment Tool:** Requires a small, non-conductive (ceramic or plastic) screwdriver to prevent electrical interference or shorting during adjustment. * **Soldering:** Designed to withstand infrared (IR) or convection reflow soldering. * **Environment:** As an open-frame type, it is sensitive to dust and moisture compared to sealed potentiometers.
    ✨ Follow-up Questions
    • ⤷ What are the mechanical dimensions of the 3mm CVR1 package?
    • ⤷ Can you explain the difference between Cermet and Carbon film in these resistors?
    • ⤷ What is the recommended reflow soldering profile for this SMT component?