CVR1-AC-R/CE
AI

The **CVR1-AC-R/CE** is a specialized electronic component, typically identified as a **Current Voltage Relay** (or similar monitoring relay) designed for industrial automation and protection circuits.
Below is a detailed breakdown of its electronic characteristics and functional parts.
---
### 1. Technical Specifications
The device is designed to monitor electrical parameters and provide a switched output when those parameters exceed or fall below set limits.
| Feature | Description |
| :--- | :--- |
| **Model Type** | CVR (Current/Voltage Monitoring Relay) |
| **Supply Voltage** | AC Supply (indicated by "AC" in model code) |
| **Output Type** | Relay (indicated by "R") |
| **Compliance** | CE (European Conformity) certified |
| **Mounting** | Typically DIN Rail (35mm) |
---
### 2. Key Electronic Components
The internal architecture of this device generally consists of four primary stages:
#### A. Sensing/Input Circuit
This part interfaces directly with the line voltage or current being monitored. It uses:
* **Step-down Transformer/Resistor Network:** To lower high voltage/current to a level safe for internal electronics.
* **Rectifier & Filter:** Converts AC input signals into DC for the comparator logic.
#### B. Control Logic (The "Brain")
Modern versions use a dedicated **Microcontroller (MCU)** or an **Op-Amp Comparator**.
* **Potentiometers:** External dials allow the user to set "Trip Points" (e.g., Over-voltage or Under-voltage thresholds).
* **Time Delay Circuit:** Prevents "nuisance tripping" caused by momentary power spikes.
#### C. Switching Output (The Relay)
The "R" in the model name refers to the **Electromagnetic Relay**:
* **Coil:** Energized by the control logic.
* **Contacts:** Usually SPDT (Single Pole Double Throw) rated for 5A to 10A, used to trigger alarms or disconnect contactors.
#### D. Visual Interface
* **LED Indicators:** Most units feature high-visibility LEDs to indicate Power (Green), Fault (Red), and Relay Status (Yellow).
---
### 3. Functional Operation
The CVR1-AC-R/CE operates on a "Window Monitoring" or "Threshold" logic:
1. **Sampling:** The device continuously measures the AC input.
2. **Comparison:** It compares the real-time value against the user-defined settings on the front panel dials.
3. **Action:**
* **Normal State:** Relay remains in a steady state (often energized/closed).
* **Fault State:** If the voltage/current goes out of bounds, the relay de-energizes (opens), breaking the circuit for protection.
---
### 4. Wiring Diagram Overview
Typically, the terminal blocks are labeled as follows:
* **A1 / A2:** Auxiliary Power Supply (Input AC).
* **L1 / L2 / L3 (or Sensing pins):** The lines being monitored.
* **11 (Common), 12 (NC), 14 (NO):** The output relay contact terminals.
- ⤷
What are the specific trip threshold ranges for the CVR1-AC-R/CE?
- ⤷ How do you wire this relay to a motor contactor for protection?
- ⤷ What is the difference between the AC and DC versions of this relay series?