CVR1-6H-R/
AI

The **CVR1-6H-R** is a specific model of a **Miniature Surface Mount (SMD) Chip Variable Resistor**, commonly referred to as a **Trimmer Potentiometer**. These components are used to manually adjust resistance within a circuit to tune performance or calibrate settings.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | SMD Trimmer Potentiometer |
| **Size/Footprint** | 3mm (Open Frame) |
| **Adjustment Direction** | Top Adjustment |
| **Resistance Tolerance** | ±25% (Standard) |
| **Power Rating** | 0.1 Watts (at 70°C) |
| **Max Operating Voltage** | 50V DC |
| **Rotation Angle** | 240° ± 20° |
---
## 2. Key Features
* **Carbon Film Element:** Uses a carbon-based resistive element for cost-effective performance.
* **Open Frame Design:** To minimize size and weight, the internal resistive track is exposed rather than sealed in a plastic housing.
* **Reflow Solder Compatible:** Designed to withstand the high temperatures of automated PCB assembly lines.
* **Hexagonal Hole:** The "6H" in the part number often refers to the **hexagonal** shape of the adjustment rotor, allowing for cross-slot or hex-head screwdriver adjustment.
---
## 3. Internal Construction
The device consists of three primary electronic layers:
1. **Substrate:** A ceramic or heat-resistant resin base.
2. **Resistive Track:** A horseshoe-shaped path of carbon film.
3. **Wiper:** A metal contact that moves along the track. As the wiper moves from one end to the other, the resistance between the center terminal and the outer terminals changes.
---
## 4. Common Applications
Because these are "variable" but intended for occasional adjustment (calibration) rather than constant user interaction (like a volume knob), they are found in:
* **LCD Contrast Adjustment:** Tuning the clarity of small screens.
* **Sensor Calibration:** Setting the threshold for light or motion sensors.
* **Power Supplies:** Fine-tuning the output voltage of a DC-DC converter.
* **Communication Equipment:** Adjusting signal gain or frequency offsets.
---
## 5. Footprint Diagram (Conceptual)
```text
[ Terminal 1 ]
| |
+-----+--+-----+
| ( ) | <-- Adjustment Rotor (Hex/Cross)
+-----+--+-----+
| |
[Terminal 2] [Terminal 3]
(Wiper)
```
- ⤷
What is the standard resistance value range for the CVR1 series?
- ⤷ How does the 'Open Frame' design impact its environmental durability?
- ⤷ What are the recommended soldering profiles for SMD trimmers like this?