AI

The **CVR1-5D-R/CE** is a specialized electronic component, typically categorized as a **Metal Oxide Varistor (MOV)** or a Surge Protective Device (SPD) designed for industrial and power electronics applications.
---
## 1. Component Overview
This component functions as a voltage-dependent resistor. Its primary purpose is to protect sensitive electronic circuits from high-voltage transients (surges) by clamping the voltage to a safe level.
### Key Specifications
| Parameter | Value/Description |
| :--- | :--- |
| **Type** | Varistor / Surge Protector |
| **Diameter/Size** | 5mm (Indicated by "5D") |
| **Form Factor** | Radial Leaded (Disc Type) |
| **Compliances** | CE Certified, RoHS Compliant |
| **Resistance Type** | Non-linear (Voltage Dependent) |
---
## 2. Technical Characteristics
The part number breakdown provides specific details about its electronic behavior:
* **CVR Series:** High-performance metal oxide varistors often used in communication and power supply modules.
* **5D:** Refers to the disc diameter (5mm). Smaller diameters typically have lower energy absorption (Joules) compared to larger discs (e.g., 10D or 14D).
* **R:** Usually denotes "Radial" leads or "RoHS" compliance depending on the specific manufacturer catalog.
* **CE:** Indicates the part meets European Union safety, health, and environmental protection requirements.
---
## 3. How it Works
1. **Standby Mode:** Under normal operating voltage, the varistor has a very high resistance, acting as an open circuit.
2. **Surge Event:** When a voltage spike occurs (lightning, inductive switching), the resistance drops instantly.
3. **Clamping:** The varistor shunts the excess current to ground or across the line, clamping the voltage to protect downstream components like ICs or MOSFETs.
---
## 4. Typical Applications
* **Power Supplies:** Protecting AC/DC converters from line disturbances.
* **Telecommunications:** Shielding data lines from electrostatic discharge (ESD).
* **Consumer Electronics:** Found in surge protectors, chargers, and household appliances.
* **Industrial Automation:** Protecting PLC inputs and motor controllers.
---
## 5. Circuit Implementation
In a standard circuit, the CVR1-5D-R is placed in **parallel** with the load it is intended to protect.
```mermaid
graph LR
Input[AC/DC Input] --- V[Varistor CVR]
V --- Ground
V --- Load[Sensitive Electronics]
```
- ⤷
What is the maximum surge current rating for the 5D series?
- ⤷ How do I calculate the correct varistor voltage for a 220V AC circuit?
- ⤷ What is the difference between a 5D and a 10D varistor in terms of energy absorption?