CVR1-4D-R/CE
AI

The **CVR1-4D-R/CE** is a specialized electronic component, typically categorized as a **Chip Varistor** (also known as a Metal Oxide Varistor or MOV in surface-mount form). These parts are designed to protect sensitive electronic circuits from high-voltage transients, such as Electrostatic Discharge (ESD) or lightning surges.
### 1. Key Technical Specifications
The part number follows a specific nomenclature used by manufacturers (often associated with brands like **CeNtRa** or specialized power electronics suppliers).
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Multilayer Chip Varistor (MLV) |
| **Package Size** | 0402 or 0603 (Inferred from "4D" series) |
| **Working Voltage (DC)** | Typically 5.5V to 18V (Application dependent) |
| **Clamping Voltage** | The voltage at which the device begins to conduct |
| **Termination** | RoHS compliant, Lead-free (indicated by /CE or /R) |
| **Mounting Type** | Surface Mount Device (SMD) |
---
### 2. Functional Description
The CVR1-4D-R/CE acts as a **voltage-dependent resistor**. Its primary function is to change its resistance based on the applied voltage:
1. **Normal State:** Under normal operating voltages, the device maintains high impedance, acting as an open circuit.
2. **Surge State:** When a voltage spike (ESD) occurs, the resistance drops instantly. This shunts the excess energy to the ground, protecting downstream ICs.
3. **Recovery:** Once the surge passes, it returns to its high-impedance state.
---
### 3. Electronic Architecture & Materials
The internal construction of these parts involves several layers:
* **Zinc Oxide (ZnO) Base:** The ceramic semi-conductive material that provides the non-linear voltage characteristics.
* **Internal Electrodes:** Precious metal layers (often Silver-Palladium) layered to increase the surge current capacity.
* **End Terminations:** Usually consist of a Silver (Ag) base layer, a Nickel (Ni) barrier layer, and a Tin (Sn) plating layer for excellent solderability.
---
### 4. Application Areas
These parts are commonly found in high-speed data lines and power rails:
* **USB Ports:** Protecting against ESD when plugging/unplugging devices.
* **LCD Displays:** Protecting driver circuits.
* **IoT Devices:** Ensuring longevity in compact battery-powered sensors.
* **Automotive Electronics:** Safeguarding sensors from engine electrical noise.
---
### 5. Identification & Marking
* **"CVR":** Chip Varistor.
* **"1":** Series or current rating indicator.
* **"4D":** Physical dimensions (often referring to the EIA case size).
* **"R":** Tape and Reel packaging.
* **"CE":** Compliance marking (European Conformity) or specific manufacturer series designation.
- ⤷What is the maximum surge current this varistor can handle?
- ⤷ How does this component compare to a TVS diode?
- ⤷ What are the recommended soldering profiles for the CVR1-4D series?