CVR1-3B-R/CE
AI

The **CVR1-3B-R/CE** is a high-performance **Chip Varistor** manufactured by components specialists like **TDK Corporation** or similar electronic parts suppliers. This specific part belongs to the family of surge protection devices designed to protect sensitive electronic circuits from electrostatic discharge (ESD) and voltage transients.
---
### 1. Key Technical Specifications
Below is a breakdown of the typical electronic parameters for this component:
| Parameter | Value/Description |
| :--- | :--- |
| **Part Type** | Multi-layer Chip Varistor (MLV) |
| **Package / Case** | 0603 (Inch) / 1608 (Metric) |
| **Working Voltage (Max)** | 3.3V DC |
| **Varistor Voltage** | ~5.0V to 11.0V (Trigger Point) |
| **Clamping Voltage** | Max voltage during a surge event |
| **Capacitance** | Optimized for high-speed signal lines |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Electronic Functionality
The CVR series operates as a **Voltage-Dependent Resistor (VDR)**. Its resistance changes based on the applied voltage:
1. **Normal Operation:** Under the rated working voltage (3.3V), the part maintains high resistance, appearing as an open circuit to the system.
2. **Surge Event:** When a high-voltage transient (like ESD) hits the line, the resistance drops instantaneously, shunting the excess current to the ground.
3. **Recovery:** Once the surge passes, the device automatically returns to its high-resistance state.
---
### 3. Application Areas
This part is specifically engineered for low-voltage digital circuits where signal integrity is crucial. Common uses include:
- **Mobile Electronics:** Smartphones and tablets.
- **Data Lines:** USB ports, HDMI, and high-speed data transmission.
- **Consumer Hardware:** Wearables and IoT devices.
- **Protection:** Guarding ICs (Integrated Circuits) from human-contact ESD.
---
### 4. Advantages of CVR1-3B-R/CE
* **Space-Saving:** The 0603 footprint allows for high-density PCB mounting.
* **Bidirectional Protection:** It protects against both positive and negative voltage spikes.
* **Low Capacitance:** Minimizes signal distortion, making it suitable for high-frequency applications.
* **Reliability:** Compliant with RoHS standards and lead-free requirements.
---
- ⤷What is the difference between a chip varistor and a TVS diode?
- ⤷ How does capacitance affect high-speed data line protection?
- ⤷ What are the soldering recommendations for 0603 SMD components?