CTXAL6030F-R18M
AI

The **CTXAL6030F-R18M** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to a category of molded powder inductors known for high current handling and low electromagnetic interference (EMI).
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics:
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.18 µH (indicated by "R18") |
| **Tolerance** | ±20% (indicated by "M") |
| **Case Size** | 6030 (approx. 6.6 x 6.4 x 3.0 mm) |
| **Core Material** | Metal Alloy (Carbonyl Powder) |
| **Mounting Type** | SMD/SMT |
### 2. Key Electrical Features
* **High Saturation Current ($I_{sat}$):** Because it uses a metal alloy powder core, the inductor maintains its inductance even under high peak currents without sudden magnetic saturation.
* **Low DCR (DC Resistance):** Designed with thick copper wire to minimize power loss ($I^2R$) and heat generation.
* **Shielded Construction:** The molded design acts as a natural magnetic shield, reducing EMI leakage which is critical for densely packed circuit boards.
* **Soft Saturation:** Unlike ferrite cores that drop inductance sharply, this part exhibits a "soft" roll-off, providing better stability during current spikes.
### 3. Application Use Cases
This component is typically found in the following power stages:
* **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power delivery.
* **Buck/Boost Converters:** High-frequency switching power supplies.
* **Battery Powered Devices:** Due to high efficiency and compact size.
* **Automotive/Industrial:** Used in systems requiring high reliability and thermal stability.
### 4. Comparison vs. Standard Ferrite Inductors
| Feature | CTXAL6030F-R18M (Molded Alloy) | Standard Ferrite Inductor |
| :--- | :--- | :--- |
| **Saturation** | Soft / Gradual | Hard / Sharp |
| **Acoustic Noise** | Very Low (Solid construction) | Can buzz (Piezoelectric effect) |
| **Size** | Compact for high current | Larger for same current |
| **EMI** | Superior Shielding | Moderate Shielding |
---
- ⤷What is the maximum current rating (Irms) for the CTXAL6030F-R18M?
- ⤷ How does the metal powder core compare to a ferrite core in terms of thermal performance?
- ⤷ What are the recommended reflow soldering profiles for this 6030 package size?