CTXAL5030F-R82M
AI

The **CTXAL5030F-R82M** is a high-performance, surface-mount (SMD) power inductor. It is part of a series typically designed for high-density power applications where low core losses and high current handling are required.
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics.
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.82 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **Dimensions (LxWxH)** | Approx. 5.4 x 5.2 x 3.0 mm |
| **DCR (DC Resistance)** | Very low (typically in the milliohm range) |
| **Core Material** | Metal Alloy / Carbonyl Powder |
| **Shielding** | Magnetically Shielded |
---
### 2. Key Features
* **Metal Composite Core:** Unlike traditional ferrite inductors, these use a metal alloy powder. This allows for a "soft saturation" characteristic, meaning the inductance doesn't drop abruptly when current increases.
* **High Current Density:** Designed to handle high saturation currents ($I_{sat}$) and high heating currents ($I_{rms}$) relative to its small footprint.
* **Low EMI:** The molded construction provides excellent magnetic shielding, reducing electromagnetic interference with surrounding components.
* **Stability:** High stability across a wide temperature range, typically operating from -40°C to +125°C.
---
### 3. Applications
The CTXAL5030F-R82M is primarily used in DC-DC conversion circuits. Common applications include:
* **Voltage Regulator Modules (VRM):** Used in CPU and GPU power supplies.
* **Portable Electronics:** Smartphones, tablets, and laptops requiring compact power management.
* **Automotive Infotainment:** Powering onboard displays and navigation systems.
* **POL (Point of Load) Converters:** Providing stable voltage near high-speed integrated circuits.
---
### 4. Part Number Breakdown
While manufacturer codes vary slightly, the standard breakdown for this series is:
* **CTXAL:** Series identifier (Metal Alloy Power Inductor).
* **5030:** Package size (approx. 5.0mm x 5.0mm footprint, 3.0mm height).
* **F:** Lead-free / RoHS compliant.
* **R82:** Inductance value ($0.82$ microhenries).
* **M:** Tolerance code ($\pm 20\%$).
- ⤷
What are the typical saturation current (Isat) ratings for the CTXAL5030F series?
- ⤷ How does a metal alloy inductor compare to a traditional ferrite inductor?
- ⤷ Are there specific PCB layout recommendations for high-current inductors like this one?