AI

The **CTXAL5030F-R33M** is a high-performance, surface-mount (SMD) power inductor. It belongs to the metal alloy family of inductors, which are designed to handle high current in compact footprints, primarily for power management applications.
---
## 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's physical and electrical limits:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **CTXAL** | Series Prefix | Metal Alloy Power Inductor |
| **5030** | Case Size | Dimensions approx. 5.4mm x 5.2mm x 3.0mm |
| **F** | Lead-Free | RoHS Compliant |
| **R33** | Inductance Value | **0.33 µH** (R denotes decimal) |
| **M** | Tolerance | **±20%** |
---
## 2. Key Technical Specifications
Below are the typical electrical characteristics for this specific model:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.33 µH |
| **DC Resistance (DCR)** | ~3.5 mΩ (Nominal) |
| **Saturation Current ($I_{sat}$)** | ~18.0 - 22.0 A |
| **Heating Current ($I_{rms}$)** | ~13.0 - 15.0 A |
| **Operating Temperature** | -40°C to +125°C |
---
## 3. Core Technologies & Features
The CTXAL series utilizes specific materials to achieve its performance:
* **Metal Alloy Core:** Unlike traditional ferrite cores, metal alloy powder offers a "soft saturation" curve. This means the inductance drops gradually rather than abruptly when current increases, preventing sudden circuit failure.
* **Magnetically Shielded:** The molded construction minimizes Electromagnetic Interference (EMI), making it suitable for high-density PCB layouts.
* **Low DCR:** The use of flat or heavy-gauge copper wire inside reduces power loss through heat, increasing overall power supply efficiency.
---
## 4. Typical Applications
These inductors are commonly found in the following electronic circuits:
1. **DC-DC Converters:** Used in Buck, Boost, and SEPIC topologies.
2. **Voltage Regulator Modules (VRM):** High-current power delivery for CPUs and GPUs.
3. **Portable Electronics:** Tablets, laptops, and smartphones where space is limited but current demand is high.
4. **Automotive Infotainment:** Powering onboard sensors and displays.
- ⤷
What is the difference between saturation current and heating current for this part?
- ⤷ Are there specific soldering profiles recommended for the CTXAL5030 series?
- ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?