CTXAL4020F-R56M
AI

The **CTXAL4020F-R56M** is a high-performance, surface-mount (SMD) power inductor. It is part of a category often referred to as "molded power inductors," designed for high-density power applications where space is limited and efficiency is critical.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's physical and electrical specifications:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **CTXAL** | Series Prefix | High-current, shielded molded inductor series |
| **4020** | Physical Size | Approx. 4.0mm x 4.0mm footprint, 2.0mm height |
| **F** | Lead-Free | RoHS compliant / Lead-free termination |
| **R56** | Inductance Value | **0.56 µH** (R denotes the decimal point) |
| **M** | Tolerance | **±20%** tolerance |
---
### 2. Technical Specifications
The electrical characteristics are optimized for DC-DC conversion and voltage regulation modules (VRM).
* **Inductance:** 0.56 µH
* **DC Resistance (DCR):** Typically very low (mΩ range) to minimize power loss through heat.
* **Saturation Current (Isat):** The current level at which inductance drops by a specific percentage (usually 30%). For this size, it typically handles high peak currents.
* **Temperature Rise Current (Irms):** The continuous current that causes a 40°C temperature rise above ambient.
* **Operating Temperature:** Generally rated from -40°C to +125°C.
---
### 3. Key Features & Construction
1. **Molded Construction:** The coil is embedded in a metal iron powder core. This provides excellent magnetic shielding and reduces "buzz" noise (acoustic noise).
2. **Soft Saturation:** Unlike ferrite inductors that lose inductance sharply, these molded types have a "soft" saturation curve, making them safer under over-current conditions.
3. **Low Profile:** The 2.0mm height makes it ideal for thin electronics like tablets, laptops, and IoT devices.
4. **High Frequency:** Optimized for high-frequency switching power supplies (typically up to several MHz).
---
### 4. Common Applications
This part is frequently found in the following circuits:
* **DC-DC Converters:** Point-of-load (POL) converters for CPUs and GPUs.
* **Mobile Devices:** Smartphones and tablets where board space is premium.
* **Battery Powered Systems:** Because of the low DCR, it helps extend battery life by reducing energy waste.
* **Automotive Infotainment:** Used in low-voltage power rails for screens and sensors.
---
- ⤷
What is the maximum saturation current for the CTXAL4020F-R56M?
- ⤷ How does this molded inductor compare to a standard ferrite core inductor?
- ⤷ Which manufacturers produce equivalent alternatives to this specific part?