CTX50-10-52LP-R
AI

The **CTX50-10-52LP-R** is a high-performance power inductor, specifically a toroidal inductor manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**. It belongs to the **Octa-Pac® Plus** series, known for its low profile and high power density.
---
### ## Technical Specifications
Below are the key electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 50 µH (Nominal) |
| **Current Rating (Irms)** | ~10 Amps (approximate based on series) |
| **Core Material** | Powder Iron (Type -52) |
| **Mounting Type** | Surface Mount (SMD) |
| **Configuration** | Dual Winding (can be series or parallel) |
| **Operating Temp** | -40°C to +125°C |
| **Shielding** | Non-shielded (Toroidal geometry naturally contains flux) |
---
### ## Key Features & Construction
1. **Dual Winding Design:**
The device consists of two separate windings on a single core. This allows for versatility:
* **Series connection:** Increases total inductance.
* **Parallel connection:** Increases current handling capability.
* **1:1 Transformer:** Can be used as a flyback transformer or a common mode choke.
2. **Core Material (-52):**
The suffix `-52` refers to the specific iron powder material. It is optimized for frequencies up to **500 kHz**. It offers a good balance between low core loss and high permeability, making it ideal for energy storage.
3. **Low Profile (LP):**
The "LP" designation indicates a low-profile package, designed for space-constrained PCB applications where vertical height is limited.
---
### ## Common Applications
This inductor is typically found in power management circuits, including:
* **DC-DC Converters:** Used in buck, boost, and forward converters.
* **Switching Regulators:** Acting as an energy storage element.
* **EMI Filtering:** Utilized as a common mode or differential mode choke to reduce electronic noise.
* **Renewable Energy:** Integrated into solar inverters and battery management systems.
---
### ## Identification Code Breakdown
* **CTX:** Coiltronics/Eaton Series designation.
* **50:** Inductance value (50 µH).
* **10:** Size/Power rating code.
* **52:** Core material type (Iron Powder).
* **LP:** Low Profile package.
* **R:** RoHS compliant (Lead-free).
- ⤷What is the difference between connecting the windings in series vs parallel for this inductor?
- ⤷ How does the -52 core material compare to ferrite materials in power applications?
- ⤷ What are the specific physical dimensions of the CTX50-10-52LP-R?