AI

The **CTX300-3-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. It is part of the CTX series manufactured by companies like Eaton (formerly Bussmann/Coiltronics).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Core Technical Specifications
The "300" in the part number usually refers to the inductance value, while the "3" refers to the size/rating code.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Inductance** | 30.0 µH (Microhenries) |
| **Tolerance** | ±20% (Standard for power inductors) |
| **Current Rating (Isat)** | ~1.5A to 2.5A (Depends on specific package size) |
| **DC Resistance (DCR)** | Low (Designed for high efficiency) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Shielding** | Unshielded or Semi-shielded (drum core design) |
---
### 2. Physical Construction
The CTX series utilizes a specific architectural design to balance size and performance:
* **Core Material:** Ferrite. This allows for high-frequency operation with minimal core losses.
* **Base/Header:** Typically features a flat top for automated "Pick and Place" assembly.
* **Terminations:** Solder-plated copper leads designed for reflow soldering.
* **Suffix "-R":** This indicates that the part is **RoHS Compliant** (Lead-free).
---
### 3. Key Electronic Functions
In a circuit, the CTX300-3-R serves several critical roles:
1. **Energy Storage:** In DC-DC converters (Buck, Boost, or Buck-Boost), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle.
2. **Filtering:** It acts as a low-pass filter, smoothing out ripples in current to provide a stable DC output.
3. **Noise Suppression:** It blocks high-frequency AC noise while allowing DC to pass, helping with Electromagnetic Interference (EMI) management.
---
### 4. Common Applications
Due to its power handling capabilities, it is frequently found in:
* **Power Supplies:** Switching regulators and VRMs (Voltage Regulator Modules).
* **Consumer Electronics:** Laptops, tablets, and LED drivers.
* **Industrial Equipment:** Distributed power systems and DC-DC modules.
---
### 5. Equivalent Replacement Guide
If sourcing this specific part is difficult, look for inductors with these matching parameters:
* **Footprint:** Ensure the pad dimensions (Length x Width) match for PCB compatibility.
* **Saturation Current ($I_{sat}$):** The replacement must have an equal or higher $I_{sat}$ to prevent core saturation.
* **DCR:** A higher DCR will result in more heat and lower efficiency.
- ⤷
What is the maximum operating temperature for the CTX series inductors?
- ⤷ How does the 'Isat' rating affect the performance of this inductor in a buck converter?
- ⤷ Are there shielded versions of the CTX300 available for EMI-sensitive applications?