công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • CTX200-2-R

  • AI
    ### Overview of the CTX200-2-R The **CTX200-2-R** is a high-performance, surface-mount (SMD) power inductor belonging to the **OCTA-PAC®** series manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). These components are unique because they feature **dual windings**, allowing them to be configured in multiple ways depending on how the pins are connected to the PCB. --- ### 1. Technical Specifications The "2-R" suffix specifically denotes the inductance rating and the RoHS compliance. Below are the primary electronic characteristics: | Property | Value / Specification | | :--- | :--- | | **Inductance (Parallel)** | 19.32 µH | | **Inductance (Series)** | 77.28 µH | | **Current Rating (Peak)** | ~2.5 A to 5.0 A (depends on configuration) | | **DCR (Direct Current Resistance)** | ~0.046 Ω (Parallel) | | **Configuration** | Dual Winding (Toroidal Core) | | **Mounting Type** | Surface Mount (SMD) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Key Electronic Features #### Dual Winding Versatility The CTX200-2-R consists of two identical windings on a single magnetic core. This allows the part to function as: * **A Single Inductor:** By connecting windings in series or parallel to increase inductance or current handling. * **A 1:1 Transformer:** Useful for isolation or voltage transformation applications. * **A Common Mode Choke:** Used for filtering electromagnetic interference (EMI) on power lines. #### Magnetic Construction * **Toroidal Core:** The ring-shaped core minimizes magnetic flux leakage, which reduces EMI interference with surrounding components. * **Materials:** Uses high-frequency powdered iron or ferrite materials optimized for low core losses. --- ### 3. Connection Configurations How you solder the pins determines the electronic behavior of the part: | Configuration | Connection Method | Effect | | :--- | :--- | :--- | | **Parallel** | Pins 1-4 joined, Pins 2-3 joined | Higher current capacity, Lower inductance. | | **Series** | Pin 2 connected to Pin 3 | Higher inductance, Lower current capacity. | | **Transformer** | Input on 1-2, Output on 4-3 | Provides 1:1 isolation. | --- ### 4. Common Applications Due to its robust design and dual-winding flexibility, the CTX200-2-R is frequently used in: 1. **DC-DC Converters:** As a power inductor in Buck, Boost, or SEPIC topologies. 2. **Switch Mode Power Supplies (SMPS):** For energy storage and ripple filtering. 3. **Noise Filtering:** Acting as a common-mode choke to clean up power rails. 4. **Computer Peripherals:** Power management for high-density boards.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the CTX200-2-R and other versions in the OCTA-PAC series?
    • ⤷ Can this inductor be used in a Flyback converter design?
    • ⤷ How do I calculate the saturation current for series vs parallel configurations?