CTX200-1-R
AI

The **CTX200-1-R** is a high-performance, surface-mount power inductor designed by Eaton (formerly Cooper Bussmann). It belongs to the **OCTA-PAC®** series, known for its versatility and high power density.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 200 µH (Nominal) |
| **Current Rating (rms)** | 0.44 Amps |
| **DC Resistance (DCR)** | 1.157 Ohms (Max) |
| **Core Material** | Powdered Iron |
| **Mounting Type** | Surface Mount (SMD) |
| **Configuration** | Toroidal / Dual Winding |
---
### 2. Core Features and Design
The "R" suffix in the part number indicates that the component is **RoHS compliant**. The specific design architecture offers several electronic advantages:
#### A. Dual Winding Versatility
The CTX200-1-R features two separate windings on a single core. This allows the component to function in three different modes depending on how it is wired to the PCB:
1. **Series Connection:** Increases total inductance.
2. **Parallel Connection:** Increases current handling capability.
3. **1:1 Transformer:** Acts as a coupled inductor or isolation transformer.
#### B. Toroidal Geometry
Because it uses a toroidal (ring-shaped) core, it offers:
* **Low Electromagnetic Interference (EMI):** The magnetic field is contained within the core.
* **High Efficiency:** Lower leakage flux compared to traditional E-core inductors.
---
### 3. Common Applications
Due to its high inductance and compact surface-mount footprint, it is typically used in the following electronic circuits:
* **DC-DC Converters:** Specifically in Buck, Boost, and Forward converters.
* **Switch Mode Power Supplies (SMPS):** Used for energy storage and output filtering.
* **Signal Filtering:** Effective for EMI suppression in power lines.
* **Isolation:** Used in circuits requiring a 1:1 turns ratio for basic signal or power isolation.
---
### 4. Thermal and Environmental Performance
* **Operating Temperature:** Typically rated for -40°C to +125°C.
* **Packaging:** Supplied on tape and reel for automated pick-and-place assembly.
- ⤷
What are the wiring diagrams for series vs parallel connection on this inductor?
- ⤷ How does the CTX200-1-R compare to the CTX200-2-R in terms of current rating?
- ⤷ What is the peak saturation current for this specific model?