CTX20-10-52LP-R
AI

## Overview of CTX20-10-52LP-R
The **CTX20-10-52LP-R** is a high-performance, surface-mount (SMT) power inductor belonging to the **OCTA-PAC® PLUS** series, manufactured by Eaton (formerly Bussmann/Coiltronics). These components are known for their versatile dual-winding design.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Inductance (Parallel)** | 19.34 µH |
| **Inductance (Series)** | 77.36 µH |
| **Rated Current (Isat)** | ~11.5 A (Parallel configuration) |
| **DC Resistance (DCR)** | ~0.0157 Ω (Parallel) |
| **Mounting Type** | Surface Mount (SMD) |
| **Core Material** | Powdered Iron (Material 52) |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
* **CTX**: Series designation (Coiltronics).
* **20**: Size code (Physical dimensions of the core/package).
* **10**: Nominal inductance value (in µH).
* **52**: Core material type (Carbonyl iron, optimized for lower frequency/high power).
* **LP**: Low Profile (Reduced height for compact PCB designs).
* **R**: RoHS compliant.
---
### 3. Core Features and Applications
#### Dual Winding Versatility
The most distinct feature of this part is that it contains **two separate windings**. This allows engineers to use it in three different ways:
1. **Series Connection:** Increases inductance (4x the base value).
2. **Parallel Connection:** Increases current handling capability.
3. **1:1 Transformer:** Can be used as a coupled inductor for SEPIC or Flyback converters.
#### Common Applications
* **DC-DC Converters:** Used as a buck, boost, or buck-boost inductor.
* **SEPIC Topology:** Ideal for battery-powered devices where the input voltage can be higher or lower than the output.
* **Power Supplies:** Common in industrial, computer, and telecommunications equipment.
* **Noise Filtering:** Effective as a common-mode or differential-mode choke.
---
### 4. Physical Dimensions (Approximate)
The "20" size typically follows these dimensions:
* **Length:** ~15.0 mm
* **Width:** ~13.0 mm
* **Height (LP):** ~6.35 mm (Lower than standard CTX units)
- ⤷
What are the advantages of using Material 52 in this inductor?
- ⤷ How do I wire the pins for series vs. parallel configuration?
- ⤷ What are the alternative components if this part is out of stock?