CTX150-1-52LP-R
AI

The **CTX150-1-52LP-R** is a high-performance power inductor, specifically a **dual-winding toroidal inductor** part of the Octa-Pac® PLUS series manufactured by Eaton (formerly Cooper Bussmann/Coiltronics).
---
## 1. Component Specifications
The following table summarizes the key electrical and physical characteristics of the device:
| Property | Value/Description |
| :--- | :--- |
| **Inductance** | 150 µH (Nominal) |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | ~0.70 Amperes (approximate) |
| **Saturation Current (Isat)** | ~0.45 Amperes (approximate) |
| **DCR (Direct Current Resistance)** | ~0.650 Ohms (per winding) |
| **Winding Configuration** | Dual Winding (can be used in Series or Parallel) |
| **Core Material** | Iron Powder (Material -52) |
| **Package Type** | Surface Mount (Low Profile "LP") |
---
## 2. Key Features and Construction
### Dual Winding Versatility
Because this component contains two separate windings on a single core, it offers significant flexibility for circuit designers:
* **Series Connection:** Increases total inductance (4x the single winding inductance).
* **Parallel Connection:** Increases current handling capability while keeping the inductance value the same as a single winding.
* **1:1 Transformer:** Can be used as a common-mode choke or a basic isolation transformer.
### Material Properties (-52)
The "52" in the part number refers to the **Iron Powder material**.
* **Low Core Loss:** It is optimized for high-frequency applications.
* **High Saturation:** Unlike ferrite cores that "hard-saturate" (dropping inductance suddenly), iron powder provides a "soft-saturation" curve, which is safer for power supply stability.
### Form Factor (LP-R)
* **Low Profile:** The "LP" designation indicates a reduced height, making it ideal for compact consumer electronics or thin PCB stacks.
* **RoHS Compliant:** The "R" suffix indicates the part is lead-free and meets environmental standards.
---
## 3. Typical Applications
The CTX150-1-52LP-R is commonly found in the following circuits:
1. **DC-DC Converters:** Used as the main energy storage inductor in Buck, Boost, or SEPIC topologies.
2. **EMI Filtering:** Functioning as a common-mode choke to filter out high-frequency noise.
3. **Battery Powered Devices:** Due to its efficient size-to-inductance ratio.
4. **Signal Isolation:** Basic coupling applications where 1:1 voltage ratio is required.
---
- ⤷
How do I calculate the total inductance when connecting the windings in series?
- ⤷ What is the difference between Irms and Isat for this specific inductor?
- ⤷ Can this part be used in automotive high-temperature environments?