CTX100-2-R
AI

The **CTX100-2-R** is a high-performance, surface-mount (SMT) power inductor/transformer belonging to the **OCTA-PAC® PLUS** series, manufactured by Eaton (formerly Bussmann/Coiltronics).
---
### 1. Technical Specifications
This component is unique because it features **dual windings**, allowing it to be used as an inductor, a 1:1 transformer, or a coupled inductor.
| Parameter | Specification (Series Connection) | Specification (Parallel Connection) |
| :--- | :--- | :--- |
| **Inductance** | 402.1 $\mu$H | 100.5 $\mu$H |
| **Rated Current ($I_{rms}$)** | 1.18 A | 2.37 A |
| **Peak Current ($I_{sat}$)** | 1.54 A | 3.08 A |
| **DC Resistance (DCR)** | 0.358 $\Omega$ | 0.089 $\Omega$ |
| **Turns Ratio** | 1:1 | N/A |
### 2. Physical Characteristics
* **Mounting Type:** Surface Mount (SMD/SMT).
* **Core Material:** Powered Iron (offering high saturation flux density).
* **Shielding:** Unshielded (standard for this series).
* **Dimensions:** Approximately $14.22 \text{mm} \times 11.43 \text{mm} \times 6.35 \text{mm}$.
### 3. Key Electronic Functions
Because the CTX100-2-R has two identical windings, it offers significant flexibility in circuit design:
1. **Buck/Boost Inductor:** Using windings in series or parallel to handle different current loads.
2. **1:1 Isolation Transformer:** Providing galvanic isolation between two circuits.
3. **Common Mode Choke:** Used to filter out electromagnetic interference (EMI) in power lines.
4. **SEPIC Converter Inductor:** Ideal for Single-Ended Primary-Inductor Converters where coupled inductors are required.
### 4. Part Number Breakdown
The nomenclature follows the Coiltronics standard:
* **CTX:** Series prefix.
* **100:** Nominal inductance value (100 $\mu$H in parallel configuration).
* **2:** Size/Frame code (Size 2).
* **R:** RoHS compliant (Lead-free).
---
### 5. Application Circuit Example
```c
// Wiring Configurations for CTX100-2-R
// Configuration A: Series (Pins 1 to 4, tie 2 and 3)
// Result: 400uH inductance, lower current capacity.
// Configuration B: Parallel (Pins 1+2 to 3+4)
// Result: 100uH inductance, higher current capacity.
```
- ⤷
What is the maximum operating temperature for the CTX100-2-R?
- ⤷ Can this part be used in automotive applications?
- ⤷ What is the difference between the OCTA-PAC and OCTA-PAC PLUS series?