CTSPMA4020F-R47M
AI

The **CTSPMA4020F-R47M** is a high-performance, surface-mount (SMD) power inductor. It is part of the metal alloy molded power inductor series, specifically designed for high-current applications where space and efficiency are critical.
---
### 1. Technical Specifications
The part number itself follows a specific nomenclature that defines its characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.47 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **Case Size** | 4.0mm x 4.0mm x 2.0mm (4020) |
| **DC Resistance (DCR)** | Typ: 8.4 mΩ / Max: 10.1 mΩ |
| **Isat (Saturation Current)** | ~12.0 A (Current where inductance drops 30%) |
| **Irms (Rated Current)** | ~8.0 A (Current causing 40°C temp rise) |
| **Operating Temp** | -55°C to +125°C |
---
### 2. Key Features
* **Molded Construction:** The coil is embedded in a metal powdered iron alloy core. This design provides "soft" saturation characteristics and excellent shielding against Electromagnetic Interference (EMI).
* **High Efficiency:** Low DCR (Direct Current Resistance) minimizes power loss and heat generation.
* **Compact Footprint:** The 4020 size is ideal for high-density PCB layouts.
* **Low Buzz Noise:** The solid molded structure reduces acoustic noise generated by magnetostriction.
---
### 3. Application Use Cases
This component is primarily used in DC-DC converters and power management modules. Typical applications include:
1. **Consumer Electronics:** Smartphones, tablets, and laptops.
2. **Point of Load (POL) Converters:** Providing stable voltage to CPUs, GPUs, and FPGAs.
3. **IoT Devices:** Battery-powered sensors requiring high efficiency in a small form factor.
4. **Automotive Infotainment:** Power supplies for displays and dashboard electronics.
---
### 4. Equivalent Series Comparison
When selecting or substituting this part, consider the following physical and electrical dimensions:
```yaml
Series: CTSPMA
Footprint: 4.0 x 4.0 mm
Height: 2.0 mm (Max)
Core Material: Metal Alloy (Magnetic Shielded)
Termination: Lead-free (RoHS Compliant)
```
- ⤷
What are the recommended reflow soldering profiles for this inductor?
- ⤷ How does 'soft saturation' in metal alloy inductors differ from ferrite cores?
- ⤷ What are the common alternatives to the CTSPMA series for automotive grade applications?