AI

The **CTSFW1350F-R19M** is a high-current, shielded power inductor typically used in DC-DC converters and high-density power modules. This component belongs to the family of **Molded Power Inductors**, which are known for their ability to handle high saturation currents in a compact footprint.
---
### 1. Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.19 µH (0.19 microhenries) |
| **Tolerance** | ±20% (indicated by the "M") |
| **Case Size** | 1350 (approx. 13.5mm x 12.5mm) |
| **Max DC Resistance (DCR)** | Extremely Low (typically < 1.0 mΩ) |
| **Saturation Current (Isat)** | Very High (often exceeding 50A - 80A) |
| **Core Material** | Composite Magnetic Iron Powder |
| **Shielding** | Magnetically Shielded (Molded construction) |
---
### 2. Breakdown of the Part Number
* **CTSFW**: Product Series (High current, molded surface mount inductor).
* **1350**: Dimensions. The "13" represents a length/width of approx 13mm, and "50" usually indicates a height of approx 5.0mm.
* **R19**: The Inductance value. "R" acts as a decimal point, so R19 = **0.19 µH**.
* **M**: Tolerance code. M stands for **±20%**.
---
### 3. Key Electronic Characteristics
#### A. Molded Construction
Unlike traditional wire-wound inductors with a ferrite drum core, this part is "molded." The coil is placed inside a mold and pressed with metallic magnetic powder.
* **Benefit:** This creates a solid structure that is highly resistant to mechanical shock and vibration.
* **Acoustic Noise:** Reduces "buzzing" (magnetostriction) compared to standard inductors.
#### B. Soft Saturation
Because it uses iron powder composite, the inductance does not "drop off a cliff" when the current exceeds the limit. Instead, it follows a gentle curve (soft saturation), which provides better safety margins in power supply designs.
#### C. Magnetic Shielding
The molded body acts as a natural shield, minimizing Electromagnetic Interference (EMI) with surrounding components on the PCB.
---
### 4. Common Applications
Due to its very low inductance (0.19 µH) and high current capability, this part is used in:
* **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power delivery.
* **High-speed Switch Mode Power Supplies (SMPS):** Where high switching frequencies are used.
* **Servers and Data Centers:** For high-efficiency point-of-load converters.
---
- ⤷
What is the maximum operating temperature for the CTSFW1350F series?
- ⤷ How does R19 inductance compare to R47 in terms of saturation current?
- ⤷ Are there recommended PCB footprint patterns for the 1350 package?